Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB2001P Datasheet(PDF) 2 Page - Clarke International

Part # CWB2001P
Description  PRODUCTION WORKBENCH WITH DRAWER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWB2001P Datasheet(HTML) 2 Page - Clarke International

  CWB2001P Datasheet HTML 1Page - Clarke International CWB2001P Datasheet HTML 2Page - Clarke International CWB2001P Datasheet HTML 3Page - Clarke International CWB2001P Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
SAFETY PRECAUTIONS
ALWAYS seek assistance when lifting heavy items.
ALWAYS keep children and animals away from tools and work areas.
ALWAYS keep work area clean and free from oil spills etc.
ALWAYS wear protective footwear when assembling the workbench.
ASSEMBLY
Thank you for purchasing this CLARKE product. Please read and follow the
instructions carefully. Unpack your workbench and check to ensure that no
damage was suffered during transit. Should any damage be apparent you
should contact your CLARKE dealer immediately.
The kit comprises the workbench top, lower tray and four legs with 16xM8 bolts
with nuts and flat washers, the drawer, backstops and drawer runners with M6
screws. Position multiple units to create a run of benches for industrial use.
The workbench is best assembled
with the help of an assistant.
1. Rest the workbench top upside
down on a soft, protective surface
and fit the drawer backstops to the
base using the 4 x M6 screws,
washers and bolts. Use with a
CD3WB 3-drawer unit only.
2. At each of the rear mountings,
attach a leg, with the foot pad
CWB2001P
Dimensions (w x d x h) mm
2000 x 650 x 865
Weight
68 kg
Maximum Load (table top)
300 kg
Maximum Load in Drawer
30 kg
Maximum Load (shelf)
80 kg
Maximum Load (CD3WB 3- drawer unit-sold separately)
90 kg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com