Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWC38 Datasheet(PDF) 6 Page - Clarke International

Part # CWC38
Description  LOCKABLE WALL CABINET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWC38 Datasheet(HTML) 6 Page - Clarke International

  CWC38 Datasheet HTML 1Page - Clarke International CWC38 Datasheet HTML 2Page - Clarke International CWC38 Datasheet HTML 3Page - Clarke International CWC38 Datasheet HTML 4Page - Clarke International CWC38 Datasheet HTML 5Page - Clarke International CWC38 Datasheet HTML 6Page - Clarke International CWC38 Datasheet HTML 7Page - Clarke International CWC38 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
13. If you are fitting the shelves,
place the shelves into position
and secure using the fixings
supplied.
14. If you are using tool hooks,
place the tool hooks onto the
rear panel .
15. A coimbination of shelves and
tools is also possible.
16. Fit the wall hanging bracket as
shown (one on each side).
17. Fix the cabinet to the wall using
suitable screws (2” minimum)
and use rawl plugs suitable for
the wall being fixed to.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com