Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWC114 Datasheet(PDF) 7 Page - Clarke International

Part # CWC114
Description  3 DOOR LOCKABLE WALL CABINET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWC114 Datasheet(HTML) 7 Page - Clarke International

  CWC114 Datasheet HTML 1Page - Clarke International CWC114 Datasheet HTML 2Page - Clarke International CWC114 Datasheet HTML 3Page - Clarke International CWC114 Datasheet HTML 4Page - Clarke International CWC114 Datasheet HTML 5Page - Clarke International CWC114 Datasheet HTML 6Page - Clarke International CWC114 Datasheet HTML 7Page - Clarke International CWC114 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
18. Place the shelves into position
and secure using the fixings
supplied.
19. The rear panel can be used in
combination with tool hooks
(sold separately).
20. Place the tool hooks onto the
rear panel .
21. A combination of shelves and
tools is also possible.
22. Fit the wall hanging bracket as
shown (one on each side).
23. Fix the cabinet to the wall using
suitable screws (2” minimum)
and use rawl plugs suitable for
the wall being fixed to.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com