Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB85B Datasheet(PDF) 2 Page - Clarke International

Part # CSB85B
Description  SITE BOXES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSB85B Datasheet(HTML) 2 Page - Clarke International

  CSB85B Datasheet HTML 1Page - Clarke International CSB85B Datasheet HTML 2Page - Clarke International CSB85B Datasheet HTML 3Page - Clarke International CSB85B Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Contractor Site Box.
Any deficiencies found should be reported to your CLARKE dealer where the
product was originally purchased.
Do not dispose of damaged components or packaging with general
household waste. They should be taken to a recycling centre and disposed of
appropriately.
WEIGHTS & DIMENSIONS
ADDING CASTORS
The castors ML525S, ML525R and ML525-1 are obtainable separately from your
CLARKE dealer and are compatible with the CSB85B and CBS100B site boxes.
We recommend that one pair of castors are fitted with brakes.
There are no holes drilled into the base of the CBS25B, therefore no castors
can be fitted.
SAFETY WARNINGS
Take care never to trap fingers when closing the lid or to pinch fingers
between the folding side handle and the side of the box.
When fitting castors, obtain the help of an assitant due to the weight of the
box.
DO NOT lift the site box by the side handles if fully loaded.
If heavily loaded, lift and move the site box using the fork truck /fork lift tine
insertion points provided.
CSB25B
CSB85B
CSB100B
Part No
7637451
7637471
7637503
Weight
25.09kg
43.27kg
57.34 kg
Dimensions
815 x 485 x 360mm
1070 x 515 x 600mm 1220 x 615 x 725mm
Capacity
110L
210L
370L
Sheet thickness
1.6mm
2.5mm
2.5mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com