Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6-3USBW Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # LR6-3USBW
Description  USB Signal Tower / Body Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR6-3USBW Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  LR6-3USBW Datasheet HTML 1Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 2Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 3Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 4Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 5Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 6Page - PATLITE CORPORATION. LR6-3USBW Datasheet HTML 7Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2.1. Model Number Configuration
・USB Signal Tower
・Body Unit
2.2. Model Number List
3.1 Function overview
Refer to
3.2.2
-
LR6-3USBW-RYG
Buzzer Volume Change Function
A function for changing the buzzer volume via switch on the body unit.
・ Change Levels:2 Levels (H:High Volume/L:Low Volume)
・ Initial Value:H
-
A function for the host PC to sound the buzzer built into the body unit
via USB communication.
LED Unit Control Function
3. Function Specification
Drawing No.
2. Model
A function for the host PC to control the LED Unit via USB
Refer to
3.2.1
LR6-3USBK-RYG
LR6-USBK
Control Items: Light on / Light off/ Pattern on
USB Comunication Function
A function for connecting and communicating with the host PC via USB
cable.
Use software library (DLL).
Buzzer Function
Control Items: Buzzer on / Buzzer off/ Sound Pattern
Page
H
Rev.
LR6-USBW
Size
Body Color
LED Unit Color
R
Y
Signal T ower T iers
*K type is an international model.
G
From top to bottom
K
Black
3
3 tiers USB Signal T ower
6
φ60
W
Off-White
B □ - R Y G
Red
Amber
Green
S
L R 6 - 3 U
Size
Body Color
*K type is an international model.
6
φ60
W
Off-White
S B
K
Black
□
L R 6 - U
3/7
LR6-USBW-W18



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com