Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-101PJBW Datasheet(PDF) 6 Page - PATLITE CORPORATION.

Part # LR5-101PJBW
Description  Signal Tower
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-101PJBW Datasheet(HTML) 6 Page - PATLITE CORPORATION.

Back Button LR5-101PJBW Datasheet HTML 2Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 3Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 4Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 5Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 6Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 7Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 8Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 9Page - PATLITE CORPORATION. LR5-101PJBW Datasheet HTML 10Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
 
3.3 LR5-□01PJ□W
LR-501-
W18F-6_10
(
Unit:mm)
LR5-□01PJBW
LR5-□01PJNW
LR5-101 : 173.5
LR5-201 : 213.5
LR5-301 : 253.5
LR5-401 : 293.5
LR5-501 : 333.5
LR5-01 : 99
LR5-101 : 139
LR5-201 : 179
LR5-301 : 219
LR5-401 : 259
LR5-501 : 299
Pole
Pole Bracket
Body
PC
V-2
6
AL
-
9
7
8
PVC
VW-1
Cable
Circular Bracket
4
PC
V-2
Globe
5VA
Silicone Rubber
-
Waterproof Packing
5
PC
2
PC
V-2
Head Cover
Buzzer Case
3
PC
V-2
Number
Material
UL Flammability
Name
1
PC
V-2
LR5:Φ50
LR5:Φ50
・
Cable : UL2464 (Φ7.5)
 
Signal Wire & Power Supply Wire : AWG24
 
Cable Length : (1000)
Circular Bracket and Pole Mount with Cable
■
PJ
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com