Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHB4-1-R Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # NHB4-1-R
Description  Network Signal Tower
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHB4-1-R Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  NHB4-1-R Datasheet HTML 1Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 2Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 3Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 4Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 5Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 6Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 7Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 8Page - PATLITE CORPORATION. NHB4-1-R Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Mass
[Tolerance ±10%]
Withstand Voltage
Environmental Condition
Storage Ambient Temperature
2 tiers
1 tier
0 tiers
Model
Operating Ambient Temperature
Mounting Location
LR6-E-RZ, RY, RG, RB, C
LR4-E-RZ, RY, RG, RB, C
Wall Mounting Bracket
NH-001
LR6-E-R, Y, G, B, MZ
1500VAC applied for 1min (10mA or less) between live part and non-current carrying
metallic part without breaking insulration
Ethernet (Conforms to the IEEE 802.3)
10BASE-T / 100BASE-TX / 1000BASE-T (Auto MDI / MDI-X)
Wireless Data Acquisition System Transmitter
WDT-6LR-Z2
Wireless Data Acquisition System Transmitter
Optional Parts
Partition Mounting Bracket
NH-002
AC Adaptor
ADP-001
WDT-4LR-Z2
NHB4
Compatible Unit
(Optional)
LR4-E-R, Y, G, B
LED Unit
Accessories
AC Adaptor*1 , Adhesive sheet
NHB6
IPv4 / IPv6 dual stack
Interface
USB2.0/1.1 Type-A 1ch
Outer Dimensions
Refer to the Outer Dimension Drawing
IP Network
635g + (35g) x Signal Tower Tiers
(AC Adaptor not included)
NHB4
Communication Method
1. General Specifications
Front direction from the center, at 1m, Maximum volume setting
645g + (60g) x Signal Tower Tiers
(AC Adaptor not included)
NHB6
Insulation Resistance
More than 10Mohm at 500VDC between live part and non-current carrying metallic part
Sound Pressure Level
Main Unit*2
LED Unit
80dB or more
(at 25℃)
Indoor Only
Mounting Direction
Upright
Protection Rating
IP 20
21.6 - 26.4VDC
90 - 264VAC
-10 - 60℃ (No Dew or Condensation)
Storage Ambient Humidity
20%RH - 80%RH (No Dew or Condensation)
1.0W (per Unit, with AC Adaptor, 100VAC input)
0 - 40℃ (No Dew or Condensation)
Operating Ambient Humidity
20%RH - 80%RH (No Dew or Condensation)
Rated Power
Consumption
Standby: 110mA Maximum: 155mA (24VDC input)
40mA (per Unit)
DC Jack
AC Adaptor*1
Standby: 3.2W Maximum: 4.4W (with AC Adaptor, 100VAC input)
Rated Current
Consumption
Main Unit*2
LED Unit
Operating
Voltage Range
DC Jack
NHB□-5□
NHB□-4□
NHB□-3□
NHB□-2□
5 tiers
Input: 100 - 240VAC (50/60Hz)
Output: 24VDC
NHB□-0□
24VDC
4 tiers
3 tiers
LED Unit
Rated Voltage
Drawing No.
Rev.
Page
NHB6-3-W18
F
NHB□-1□
AC Adaptor*1
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com