Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHB6-1-R Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # NHB6-1-R
Description  Network Signal Tower
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHB6-1-R Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  NHB6-1-R Datasheet HTML 1Page - PATLITE CORPORATION. NHB6-1-R Datasheet HTML 2Page - PATLITE CORPORATION. NHB6-1-R Datasheet HTML 3Page - PATLITE CORPORATION. NHB6-1-R Datasheet HTML 4Page - PATLITE CORPORATION. NHB6-1-R Datasheet HTML 5Page - PATLITE CORPORATION. NHB6-1-R Datasheet HTML 6Page - PATLITE CORPORATION. NHB6-1-R Datasheet HTML 7Page - PATLITE CORPORATION. NHB6-1-R Datasheet HTML 8Page - PATLITE CORPORATION. NHB6-1-R Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2.1. Model Number Configuration
EN 55032(Class A), EN 55035, EN IEC 63000
・Conforms to the CE Requirements
・Conforms to the UKCA Requirements
(KS C 9610-6-4, KS C 9610-6-2) *3
Remark
*1 N type excluded
*2 This value excludes USB current consumption.
*3 Only N type
・UL/cUL Listed
NHB4-0
2. Model
UL 62368-1, CSA C22.2 No.62368-1
2.2. Model Number List
FCC Part 15 Subpart B(Class A), ICES-003(Class A)
Drawing No.
Rev.
Page
NHB6-3-W18
F
Conformity Standards
NHB4-2-RY
NHB6-2-RY
NHB6-0N
NHB4-4-RYGB
NHB6-1-R
NHB6-4-RYGB
NHB6-1-Y
NHB6-1-G
NHB4-3-RYG
NHB4-1-G
NHB6-0
NHB6-3-RYG
NHB4-0N
NHB4-3N-RYG
NHB6-5-RYGBC
NHB6-3N-RYG
NHB4-1-R
NHB4-2-RG
NHB6-2-RG
NHB4-1-Y
NHB4-5-RYGBC
Signal Tower Type
Signal Tower Tiers AC Adaptor
LED Unit Color
From top to bottom
- □ □ □ □
LR6(φ60)
0
0 tiers
Blank AC Adaptor included
N H B □ -
Red
4
LR4(φ40)
1
1 tier
N
AC Adaptor not included
Y
6
5
5 tiers
3
3 tiers
B
R
Blue
4
4 tiers
C
White
Amber
2
2 tiers
G Green
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com