Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHV4-2DP-RYGBC Datasheet(PDF) 5 Page - PATLITE CORPORATION.

Part # NHV4-2DP-RYGBC
Description  Network Signal Tower with Voice Annunciator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHV4-2DP-RYGBC Datasheet(HTML) 5 Page - PATLITE CORPORATION.

  NHV4-2DP-RYGBC Datasheet HTML 1Page - PATLITE CORPORATION. NHV4-2DP-RYGBC Datasheet HTML 2Page - PATLITE CORPORATION. NHV4-2DP-RYGBC Datasheet HTML 3Page - PATLITE CORPORATION. NHV4-2DP-RYGBC Datasheet HTML 4Page - PATLITE CORPORATION. NHV4-2DP-RYGBC Datasheet HTML 5Page - PATLITE CORPORATION. NHV4-2DP-RYGBC Datasheet HTML 6Page - PATLITE CORPORATION. NHV4-2DP-RYGBC Datasheet HTML 7Page - PATLITE CORPORATION. NHV4-2DP-RYGBC Datasheet HTML 8Page - PATLITE CORPORATION. NHV4-2DP-RYGBC Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Buzzer
External Contact Output
Email Notification
SNMP Notification
PLC Information Write Command
When ”Clear operation" occurs, PLC Write Command can be executed.
Number of notifications
4
Protocol
SLMP (The same format as the QnA compatible 3E and 4E frame of MC protocol)
FINS
TCP / UDP
Drawing No.
Rev.
Page
H
3.2. External Control
External contact output can be controlled when an event occurs or outputting sound.
Contact Function
Digital Output, BUSY Output
5 kinds of buzzer sounds
Buzzer pattern 1
ON(250ms), OFF(250ms) (repetition)
Buzzer pattern 2
Digital Output
The digital "A Contact" or "B Contact" output
for an automatic OFF function of the digital output port can be set up.
in conjunction with the signal output from the line-out.
3.3. Information (Network)
When an event occurs, an e-mail message is transmitted
BUSY Output
It controls the relay contact output
Number of notifications
8
Authentication protocol
SMTP certification(Password, OAuth2), POP authentication
Security
SSL/TLS, STARTTLS, none
When an event occurs, Trap or Inform is executed.
Number of notifications
8
Version
v1 / v2c / v3
HTTP Notification
When an event occurs, HTTP command is executed.
Number of notifications
8
Protocol
HTTP, HTTPS
Authentication protocol
Basic Access Authentication, Digest Access Authentication, none
Method
GET
4. Function Specification
4.1. Main Unit Control Function
RSH Command
Controllable with RSH Command
SSH Command
Controllable with SSH Command
Version
v1 / v2c / v3
"Clear" Button
Clear operation is possible with "Clear" Button of the main unit
HTTP Command
Controllable with HTTP Command
Socket Communication
Controllable with PNS Command and PHN Command
SNMP Command
Controllable with SNMP "set" Command
ON(500ms), OFF(500ms) (repetition)
Buzzer pattern 3
ON(200ms), OFF(50ms), ON(200ms), OFF(550ms) (repetition)
Buzzer pattern 4
ON(continuity)
Buzzer pattern 5
ON(1000ms), OFF(1000ms) (repetition)
5/11
NHV6-3-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com