Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT1002 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMMT1002
Description  Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 1 GHz to 2 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMT1002 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMMT1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMMT1002 Datasheet HTML 6Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical Specifications
Size
Length
1.23 in [31.24 mm]
Width
0.314 in [7.98 mm]
.
Weight
0.0215 lbs [9.75 g]
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Storage Range
-65 to +150 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Functional Block Diagram
Bias Supply
(-) Bias if detector's output polarity is positive.
(+) Bias if detector's output polarity is negative.
(100uA Bias Typ.)
Cc
RB = 100 KΩ
Pulse
RF Input
L
Cb
RL
Pulse Detector
Video Output
Biased Detector Module
Video Output Load
Biased Schottky Dectector Application Circuit
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 6
FMMT1002
DATA SHEET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com