Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPT1002 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMPT1002
Description  Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPT1002 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMPT1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPT1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPT1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPT1002 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Mechanical Specifications
.
Weight
0.087 lbs [39.46 g]
Connector 1
SMA Female
Connector 2
SMA Female
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +125 deg C
Humidity
MIL-STD-202F, Method 103B, Condition B
Shock
MIL-STD-202F, Method 213B, Condition B
Vibration
MIL-STD-202F, Method 204D, Condition B
Altitude
MIL-STD-202F, Method 105C, Condition B
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Typical Performance Data
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
-60.0
-54.0
-48.0
-42.0
-36.0
-30.0
-24.0
-18.0
-12.0
-6.0
0.0
Voltage
dBm
RF Input Vs. Vout
Vout @ 50 MHz
Vout @ 1000 MHz
Vout @ 2000 MHz
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 2 of 4
FMPT1002
DATA SHEET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com