Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M89 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M89
Description  In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems for MCUs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M89 Datasheet(HTML) 6 Page - STMicroelectronics

  M89 Datasheet HTML 1Page - STMicroelectronics M89 Datasheet HTML 2Page - STMicroelectronics M89 Datasheet HTML 3Page - STMicroelectronics M89 Datasheet HTML 4Page - STMicroelectronics M89 Datasheet HTML 5Page - STMicroelectronics M89 Datasheet HTML 6Page - STMicroelectronics M89 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
M89 FAMILY
6/7
ORDERING INFORMATION SCHEME
When delivered from ST, the FLASH+PSD device
has all bits in the memory and PLDs set to 1. The
FLASH+PSD Configuration Register bits are set to
0. The code, configuration, and PLD logic are
loaded
using
the
programming
procedure.
Information
for
programming
the
device
is
available directly from ST. Please contact your
local sales representative.
The notation used for the device number is as
shown in Table 6. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please see the full data
sheet (please consult our pages on the world wide
web:
www.st.com/flashpsd). Alternatively, please
contact your nearest ST Sales Office.
Table 6. Ordering Information Scheme
Note: 1. Available on the 4.5 to 5.5 V range, only.
Example:
M89 1 3 F 1 W –
15
T
1
T
SRAM Capacity
Option
1
16 Kbit
T
Tape & Reel Packing
3
64 Kbit
Temperature Range
Flash Memory Capacity
10 to 70
°C (commercial)
3
1 Mbit (128K x 8)
6
–40 to 85
°C (industrial)
4
2 Mbit (256K x 8)
2nd Non Volatile Memory
Package
1
256 Kbit EEPROM
K
PLCC52
2
256 Kbit Flash memory
T
PQFP52
Operating Voltage
Speed
Y
4.5 V to 5.5 V
-90
90 ns1
W
2.7 V to 3.6 V
-15
150 ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com