Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL591 Datasheet(PDF) 7 Page - Wavelength Electronics, Inc.

Part # FL591
Description  Laser Diode Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

FL591 Datasheet(HTML) 7 Page - Wavelength Electronics, Inc.

Back Button FL591 Datasheet HTML 3Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 4Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 5Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 6Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 7Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 8Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 9Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 10Page - Wavelength Electronics, Inc. FL591 Datasheet HTML 11Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2020
www.teamWavelength.com
7
FL591FL LASER DIODE DRIVER
THEORY OF OPERATION
The FL591FL employs Wavelength’s FL500 laser diode
control chip, and can drive a single output up to 500 mA or
dual outputs up to 250 mA each.
When operating with two separate outputs, the FL591FL can
be configured to use a single setpoint to drive both outputs
to the same current, or use separate setpoint signals to
drive each current source independently.
It may be useful to remember that you do not directly set the
drive current setpoint; instead, you adjust a voltage signal
that represents the output current. The setpoint voltage is
controlled by the onboard trimpot or by an external input.
The current source continually monitors the actual output
current, compares it to the setpoint, and adjusts the current
if there is a difference between the two signals.
As current is driven through the load, there is a voltage drop
across the load because of the impedance. As the current
increases the voltage drop may increase to the point that it
reaches the Compliance Voltage limit of the current source.
Once that occurs the current source is no longer able to
increase the current driven to the load even if you increase
the setpoint.
The current sources can be operated in Constant Current
(CC) mode or in Constant Power (CP) mode. In CP mode,
the photodiode (PD) current is used in the feedback loop,
and the driver adjusts the output current in order to keep the
PD current constant.
The laser driver includes features that help protect your
laser and make the driver more versatile in a wide array of
applications:
• The current limit is set by an onboard trimpot and
protects the laser from over-current conditions.
• Slow-start delays the current ramp by 100 msec,
and then ramps the current to setpoint at a rate
of 15 mA / msec.
• The photodiode feedback control loop allows for
Constant Power operation whereby the driver adjusts
the laser forward current in order to maintain a constant
photodiode current.
SAFETY INFORMATION
SAFE OPERATING AREA — DO NOT EXCEED
INTERNAL POWER DISSIPATION LIMITS
Before attempting to operate the FL591FL, it is imperative
that you first determine that the FL500 will operate within the
Safe Operating Area (SOA). Operating the unit outside of
the SOA may damage the controller or the laser. Operating
outside of the SOA will void the warranty.
Go to the Wavelength Electronics website for the most
accurate, up-to-date, and easy to use SOA calculators:
www.teamwavelength.com/support/design-tools/soa-ld-calculator/
www.teamwavelength.com/support/design-tools/soa-ld-calculator/
SOAcharts are included in this datasheet for quick reference
(
page 15), but we recommend you use the online tools
instead.
!
ToensuresafeoperationoftheFL591FLdriver,it
is imperative that you determine if the FL500 is
going to be operating within the internal heat
dissipation Safe Operating Area (SOA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com