Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDSERIES Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # PLDSERIES
Description  Laser Diode Drivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLDSERIES Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  PLDSERIES Datasheet HTML 1Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 2Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 3Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 4Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 5Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 6Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 7Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 8Page - Wavelength Electronics, Inc. PLDSERIES Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© 2020
www.teamWavelength.com
2
PLD SERIES LASER DIODE DRIVER
QUICK CONNECT GUIDE
!
ToensuresafeoperationofthePLDdriver,itis
imperativethatyoudeterminethattheunitwillbe
operatingwithintheinternalheatdissipationSafe
Operating Area (SOA).
Visit the Wavelength Electronics website for the most
accurate, up-to-date, and easy to use SOA calculator:
www.teamwavelength.com/support/design-tools/soa-ld-calculator
Figure 1 shows the front panel of the PLD driver and the
locations of the configuration switches, Output and Current
Limit adjust trimpots, status LEDs, and pins.
Figure 2 shows a typical wiring diagram for the PLD driver
and external electronics to operate a Type A or B laser.
Figure 3 illustrates the three laser types that the PLD can
drive. For detailed instructions on using the different laser
types refer to the
Operating Instructions.
Figure 1. PLD Driver Controls
Electronics
avelength
PLD SERIES
P
L
PD RANGE
H
I
MODE
Operating Mode *
Output Adjust (12-turn)
Current Limit Adjust (12-turn)
Output Enabled LED (Green = On)
Current Limit Status
(Red = Current Latched Off)
PD Range *
L = 15 – 500 µA
H = 50 – 5000 µA
P = Constant Power
I = Constant Current
LASER DIODE
DRIVER
OUTPUT
ADJUST
LIMIT I
ADJUST
OUTPUT
ENABLED
LIMIT I
15
1
* DO NOT change switch positions while the output
is enabled; Doing so may damage the laser diode.
PD Cathode
PD Anode
LD Cathode
LD Anode/+LD Supply
GND
+5V
Analog Input
P Monitor
I Monitor
Common
LIM I Monitor
LIM I Status
LD Enable
PD Aux
Aux V+
!
14
13
12
11
10
9
8
7
6
5
4
3
2
12
13
OR
LD Anode
LD Cathode
10
3
LD Enable
Closed = Output Enabled
Open = Output Disabled
11
++
--
+5 V
GND
(Internally Shorted)
9
6
7
4
8
5
Analog Input
P Monitor
(PD Current)
I Monitor
(Output Current)
LIM I Monitor
LIM I Status
Optional External
Setpoint (0 to 5 V)
++
--
5 VDC
PD Anode
14
0.1 µF
Common
(Low Current)
+5V
10 k
Pull Up Resistor
Short pin 6 to pin 9 when
analog input is not used.
PD
LD
PD
LD
Use caution when the PLD is combined with a
PTC temperature controller: if the TEC or
thermistor is connected to the laser diode, two
power supplies are required and must float
independently of each other.
DMM
Figure 2. Quick Connect Wiring Diagram, Type A & B Laser Diodes
Type A Laser Diode
Type B Laser Diode
Type C Laser Diode
Common
Cathode
Laser Diode Anode &
Photodiode Cathode Common
Isolated Photodiode
Short the
Laser Diode Anode
to Photodiode Cathode
Common
Anode
Laser Diode Cathode &
Photodiode Anode Common
Figure 3. Laser Type Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com