Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QCL-LAB Datasheet(PDF) 8 Page - Wavelength Electronics, Inc.

Part # QCL-LAB
Description  Low-Noise QCL Driver — Laboratory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB Datasheet(HTML) 8 Page - Wavelength Electronics, Inc.

Back Button QCL-LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 5Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 6Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 7Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 8Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 9Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 10Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 11Page - Wavelength Electronics, Inc. QCL-LAB Datasheet HTML 12Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
POWER SUPPLY
REQUIREMENTS
VALUE
NOTES
AC Power Supply and Line
Frequency
100-120 / 220-240 VAC, 2 A, 50-60 Hz
Switch selectable: 100-120 V and 220-240 V,
appropriate power cord supplied
Fuse for 220-240 V
0.63 A, 250 V, fast blow
5 × 20 mm, Part #0217.630MXP, Littelfuse
Fuse for 100-120 V
1.25 A, 250 V, fast blow
5 × 20 mm, Part #02351.25HXP, Littelfuse
Power Consumption
9.8 Watts
At idle, no output to QCL load
GENERAL SPECIFICATIONS
VALUE
NOTES
Warm-up Time
1 Hour
Remote Interface
USB, Ethernet
Warranty
One (1) Year
Safety Tested To
IEC 61000-3-2
IEC 61000-3-3
IEC 61000-4-2
IEC 61000-4-3
IEC 61000-4-4
IEC 61000-4-5
IEC 61000-4-6
IEC 61000-4-8
IEC 61010-1
European Council Directive 2004/108/EC &
European Council Directive 2006/95/EC
ABSOLUTE MAXIMUM
RATINGS
VALUE
UNIT
NOTES
Case Operating Temperature
Range
-40 to 50
°C
Humidity
80
%
Relative humidity at 30°C (non-condensing)
Weight
12 (~5.4)
lbs (kg)
Size
3.47 × 8.86 × 17.72
(89 × 226 × 450)
inches3
(mm3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com