Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QCL-LAB079 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # QCL-LAB079
Description  Low-Noise QCL Driver — Laboratory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

QCL-LAB079 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  QCL-LAB079 Datasheet HTML 1Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 2Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 3Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 4Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 5Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 6Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 7Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 8Page - Wavelength Electronics, Inc. QCL-LAB079 Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
USER GUIDE
Low-Noise QCL Driver — Laboratory Series1
Firmware versions 0.79 and earlier operate with the QuickConnect Application
TABLE OF CONTENTS
PAGE
GENERAL OVERVIEW
2
SAFETY
3
QUICK CONNECT GUIDE
4
PIN DESCRIPTIONS
6
EXTERNAL MODULATION
6
ELECTRICAL SPECIFICATIONS
7
THEORY OF OPERATION
9
OPERATING INSTRUCTIONS (STAND-ALONE)
9
OPERATING INSTRUCTIONS (REMOTE)
17
TROUBLESHOOTING
22
ADDITIONAL TECHNICAL NOTES
25
MECHANICAL SPECIFICATIONS
27
CE DECLARATION OF CONFORMITY
28
WARRANTY & CERTIFICATION
29
ORDERING INFORMATION
PART NO
DESCRIPTION
QCL500 LAB
500 mA Low Noise QCL Instrument
QCL1000 LAB
1.0 A Low Noise QCL Instrument
QCL1500 LAB
1.5 A Low Noise QCL Instrument
QCL2000 LAB
2.0 A Low Noise QCL Instrument
NOISESCAN
Noise Characterization Scan
55-110014
SMA-BNC Cable
55-110015
USB Cable
WCB310
Shielded SMA-SMA Cable
QCL TL LOW
Resistive Test Load for QCL500 or
QCL1000
QCL TL 1500
Resistive Test Load for QCL1500
QCL TL 2000
Resistive Test Load for QCL2000
RCKMT-LAB SNGL
19” Single Unit Rack Mount Kit
RCKMT-LAB DUAL
19” Double Unit Rack Mount Kit
INTLK REPL KIT
(included with purchase)
Interlock Replacement Kit with
BNC terminator and modified
D-SUB connector to override
interlocks
e
Pb
RoHS
Applies to Product Revision A,
firmware 0.79 and earlier
© December 2016
1
Covered by U.S. Patents 6,696,887; 6,867,644 and 7,176,755. Licensed from Battelle Memorial Institute


Similar Part No. - QCL-LAB079

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
QCL-LAB WAVELENGTH-QCL-LAB Datasheet
4Mb / 24P
Low-Noise QCL Driver — Laboratory
January 2025
QCL-LAB161 WAVELENGTH-QCL-LAB161 Datasheet
7Mb / 24P
Low-Noise QCL Driver — Laboratory
December 2023
More results

Similar Description - QCL-LAB079

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3570 NSC-LM3570 Datasheet
352Kb / 13P
Low Noise White LED Driver System
logo
Supertex, Inc
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
Low Noise, Dual EL Lamp Driver
logo
List of Unclassifed Man...
ATLS1A102 ETC2-ATLS1A102 Datasheet
104Kb / 6P
Low Noise Constant Current Laser Driver
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
12.5-17GHz Low-Noise Driver Amplifier
logo
Micrel Semiconductor
MIC4832 MICREL-MIC4832_09 Datasheet
497Kb / 11P
Low Noise 220VPP EL Driver
MIC4830 MICREL-MIC4830_09 Datasheet
609Kb / 12P
Low Noise 180VPP EL Driver
logo
Melexis Microelectronic...
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
Low Noise & Low Noise & Single-Coil Fan & Motor Driver
logo
Linear Technology
LTC1340 LINER-LTC1340_15 Datasheet
241Kb / 8P
Low Noise, Voltage-Boosted Varactor Driver
logo
Supertex, Inc
HV860 SUTEX-HV860_09 Datasheet
643Kb / 8P
Low Noise, Dimmable EL Lamp Driver
logo
Microchip Technology
MIC4832 MICROCHIP-MIC4832 Datasheet
2Mb / 22P
Low-Noise 220VPP EL Driver
Rev.B February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com