Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT-DASPA2-13 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GT-DASPA2-13
Description  OSCONIQ® P 2226
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GT-DASPA2-13 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GT-DASPA2-13 Datasheet HTML 1Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 2Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 3Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 4Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 5Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 6Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 7Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 8Page - ams-OSRAM AG GT-DASPA2-13 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GT DASPA2.13
DATASHEET
DATASHEET
2 | Version 1.26 | 2022-05-31
OSCONIQ® P 2226
GT DASPA2.13
High-efficacy mid-power LED with long lifetimes also at high
currents and high junction temperatures.
Applications
- Architecture
- Architecture / Garden Lighting (LED & Laser)
- Medical Illumination
- Photo Therapy
Features
- Package: SMT package
- Typ. Radiation: 120°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 35.9 lm
- Luminous efficacy: typ. 131 lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com