Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CS8PM1-CM Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-CS8PM1-CM
Description  OSLON™ SSL 80
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CS8PM1-CM Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-CS8PM1-CM Datasheet HTML 1Page - ams-OSRAM AG GW-CS8PM1-CM Datasheet HTML 2Page - ams-OSRAM AG GW-CS8PM1-CM Datasheet HTML 3Page - ams-OSRAM AG GW-CS8PM1-CM Datasheet HTML 4Page - ams-OSRAM AG GW-CS8PM1-CM Datasheet HTML 5Page - ams-OSRAM AG GW-CS8PM1-CM Datasheet HTML 6Page - ams-OSRAM AG GW-CS8PM1-CM Datasheet HTML 7Page - ams-OSRAM AG GW-CS8PM1-CM Datasheet HTML 8Page - ams-OSRAM AG GW-CS8PM1-CM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
GW CS8PM1.CM
DATASHEET
DATASHEET
2 | Version 1.10 | 2026-03-05
OSLON™ SSL 80
GW CS8PM1.CM
Higher performance. Lower thermal resistance. Extended range
of driving conditions. This OSLON SSL family new generation
LED offers a prefocused radiation pattern making it the ideal
choice for spot lighting applications.
Applications
- Entertainment
- Indoor lighting
- Outdoor & industrial lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 80°
- Color temperature: 2700K - 4000K
- CRI: 90 (min.), 92 (typ.), R9: 50 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 106 lm @ 3000 K, 85 °C
- Luminous efficacy: typ. 106 lm/W @ 3000 K, 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com