Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1-BM Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GW-CSSRM1-BM
Description  OSLON™ Square
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM1-BM Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GW-CSSRM1-BM Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM1-BM Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
GW CSSRM1.BM
DATASHEET
DATASHEET
6 | Version 1.9 | 2026-07-20
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 700 mA
I
F = 700 mA
min.
max.
Φ
V
Φ
V
MP
180 lm
194 lm
MQ
194 lm
210 lm
MR
210 lm
224 lm
MS
224 lm
240 lm
MT
240 lm
259 lm
MU
259 lm
280 lm
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 700 mA
I
F = 700 mA
min.
max.
V
F
V
F
K2
2.70 V
2.80 V
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V
M1
3.00 V
3.10 V
M2
3.10 V
3.20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com