Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM2-CM Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # GW-CSSRM2-CM
Description  OSLON® Square
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM2-CM Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button GW-CSSRM2-CM Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM2-CM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM2-CM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM2-CM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM2-CM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM2-CM Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM2-CM Datasheet HTML 10Page - ams-OSRAM AG GW-CSSRM2-CM Datasheet HTML 11Page - ams-OSRAM AG GW-CSSRM2-CM Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
GW CSSRM2.CM
DATASHEET
DATASHEET
8 | Version 1.9 | 2023-01-10
Chromaticity Coordinate Groups
Center
Center
3step
3step
5step
5step
Ø
CCT
Cx
Cy
a
b
a
b
2700 K
0.4577
0.4098
0.008
0.0041
0.0133
0.0068
54.1
3000 K
0.4339
0.4032
0.0086
0.0042
0.0142
0.0069
53.7
3500 K
0.4077
0.3929
0.0093
0.0042
0.0155
0.0069
53.9
4000 K
0.3818
0.3796
0.0094
0.0041
0.0157
0.0068
53.4
5000 K
0.3446
0.3551
0.0081
0.0035
0.0135
0.0059
59.8
5700 K
0.3287
0.3425
0.0072
0.0032
0.0119
0.0052
58.8
6500 K
0.3123
0.3282
0.0066
0.0027
0.011
0.0045
58.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com