Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM2-PM Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-CSSRM2-PM
Description  OSLON™ Square
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM2-PM Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-CSSRM2-PM Datasheet HTML 1Page - ams-OSRAM AG GW-CSSRM2-PM Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM2-PM Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM2-PM Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM2-PM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM2-PM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM2-PM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM2-PM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM2-PM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
GW CSSRM2.PM
DATASHEET
DATASHEET
2 | Version 1.9 | 2026-06-30
OSLON™ Square
GW CSSRM2.PM
Third generation of OSLON Square with improved radiation
pattern and enhanced performance.
Most compact high-power LED with well known superior robust-
ness, high reliability, long lifetime and low thermal resistance.
Applications
- Agriculture & horticulture
- Entertainment
- Outdoor & industrial lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 3000K - 6500K
- CRI: 70 (min.), 72 (typ.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 323 lm @ 5000 K, 85 °C
- Luminous efficacy: typ. 165 lm/W @ 5000 K, 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com