Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APHCM2012VGC/Z-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APHCM2012VGC/Z-F01
Description  2.0x1.25mm SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHCM2012VGC/Z-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

  APHCM2012VGC/Z-F01 Datasheet HTML 1Page - Kingbright Corporation APHCM2012VGC/Z-F01 Datasheet HTML 2Page - Kingbright Corporation APHCM2012VGC/Z-F01 Datasheet HTML 3Page - Kingbright Corporation APHCM2012VGC/Z-F01 Datasheet HTML 4Page - Kingbright Corporation APHCM2012VGC/Z-F01 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAH3755
REV NO: V.2
DATE: JUL/31/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203005803
2.0x1.25mm SMD CHIP LED LAMP
Features
2.0X1.25mm SMT LED,0.5mm MAX.THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: APHCM2012VGC/Z-F01
GREEN
Description
The Green source color devices are made with InGaN
on SiC Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.


Similar Part No. - APHCM2012VGC/Z-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHCM2012VGC-A-F01 KINGBRIGHT-APHCM2012VGC-A-F01 Datasheet
284Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - APHCM2012VGC/Z-F01

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0805-B GILWAY-GHB-0805-B Datasheet
141Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
GHB-0805-R GILWAY-GHB-0805-R Datasheet
134Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
logo
Kingbright Corporation
AP2012SURC KINGBRIGHT-AP2012SURC Datasheet
125Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
APT2012SGC KINGBRIGHT-APT2012SGC_07 Datasheet
273Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
AP2012PBC-A KINGBRIGHT-AP2012PBC-A Datasheet
158Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SECK-F01 KINGBRIGHT-APHCM2012SECK-F01 Datasheet
281Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012SYCK-F01 KINGBRIGHT-APHCM2012SYCK-F01 Datasheet
279Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APHCM2012VGC-A-F01 KINGBRIGHT-APHCM2012VGC-A-F01 Datasheet
284Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
APT2012ZGC-E KINGBRIGHT-APT2012ZGC-E Datasheet
277Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AP2012SYCK TO-GRACE-AP2012SYCK Datasheet
1Mb / 5P
2.0x1.25mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com