Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-E-RZ Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # LR5-E-RZ
Description  LED Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-E-RZ Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  LR5-E-RZ Datasheet HTML 1Page - PATLITE CORPORATION. LR5-E-RZ Datasheet HTML 2Page - PATLITE CORPORATION. LR5-E-RZ Datasheet HTML 3Page - PATLITE CORPORATION. LR5-E-RZ Datasheet HTML 4Page - PATLITE CORPORATION. LR5-E-RZ Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.General Specifications
2.Model
 
2.1.1 Model Number Configuration
0.065kg
Refer to the 3.Outer Dimensions
LR6
LR7
Remarks
Operating Voltage
24V DC
 
2.1.2 Model Number Example
Operating Ambient Humidity
Outer Dimensions
0.06kg
There are no contents of controlled substances exceeding the threshold
for the RoHS Directive.
Due to the characteristics of the LED elements, a variation in difference of the color tone
and brightness of every product may occur.
LR□-E-□□
Operating Ambient Temperature
-20℃ ~ +50℃
Less than 90% RH (No Condensation)
0.035kg
LR4
Mass
(Tolerance±10%)
LR5
0.04kg
Model
Page
SPECIFICATIONS
Drawing No.
Rev.
E
Size
LED Unit Color
Globe Color
Non
Z
Color Globe
Clear Globe(LR4・5・6)
M Multi Color(LR6,Clear Globe)
Y
B
C
LED Unit Color
Globe Color
White(Color Globe)
Blue
Green
Amber
Red
Size
E
LED Unit
-
Model
R
φ70
LR
φ60
φ50
φ40
-
6
G
4
5
7
LED Unit
●φ
40 ●LED Unit ●White ●Color Globe(Clear)
LR6-E-MZ
LR4-E-C
●φ
50 ●LED Unit ●Red ●Color Globe(Red)
LR5-E-R
●φ
60 ●LED Unit ●Multi Color ●Clear Globe
LR4-E-YZ
LED Unit
●φ
40 ●LED Unit ●Amber ●Clear Globe
1 / 5
LR-E-W18


Similar Part No. - LR5-E-RZ

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
LR5-02LENW PATLITE-LR5-02LENW Datasheet
1Mb / 8P
Signal Tower with Ethernet
Rev.B
LR5-02WE-W18 PATLITE-LR5-02WE-W18 Datasheet
1Mb / 8P
Signal Tower with Ethernet
Rev.B
LR5-02WENW PATLITE-LR5-02WENW Datasheet
1Mb / 8P
Signal Tower with Ethernet
Rev.B
LR5-101LJBW PATLITE-LR5-101LJBW Datasheet
1Mb / 10P
Signal Tower
Rev. F
LR5-101LJNW PATLITE-LR5-101LJNW Datasheet
1Mb / 10P
Signal Tower
Rev. F
More results

Similar Description - LR5-E-RZ

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
LED-CONVERTER UNIT
PS-LD0304-1 POWER-SYSTEMS-PS-LD0304-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
LED CONVERTER UNIT
logo
Marl International Limi...
084-501-22 MARL-084-501-22_13 Datasheet
289Kb / 4P
LED Bulkhead Unit
084-501-22 MARL-084-501-22_15 Datasheet
289Kb / 4P
LED Bulkhead Unit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com