Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP-B Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # MP-B
Description  Indoors (Only installed on MP, MPS, MP-C series)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

MP-B Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  MP-B Datasheet HTML 1Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25g
Conformity Standards
Mass (Tolerance ±10%)
CE marking (EN61000-6-4 and EN61000-6-2)
UL Recognized Component (File No.E215660)
Typ.
Operating Voltage
Rated Voltage ±10%
Rated Voltage
Signal Wire
Current
Max.
30mA (at 24V DC)
35mA (at 24V DC)
24V DC (Non-polar)
Less than 90% (No condensation)
Indoors (Only installed on MP, MPS, MP-C series)
More than 1MΩ at 500VDC between current-carrying parts and non-current-carrying metal
500VAC applied for 1min between current-carrying parts and non-current-carrying metal
No. MP-B-PDFB-EN-1_2
SPECIFICATIONS
UL registration model
[General Specifications] 
MP-B
MP-B
Model
Relative Humidity
Mounting Location
Vibration Resistance
Mounting Direction
Insulation Resistance
Protection Rating
Environmental
Condition
The level is measured with A-weighting at a distance of 1meter from the
buzzer opening.
The product is installed on the flat surface with enough strength.
JIS C 60068-2-6
Total amplitude 0.3mm p-p (10 to 57.5Hz), Acceleration 19.6 m/s2 (57.5 to 150Hz)
Withstand Voltage
Remarks
Conditions of UL acceptability:
-Installed on MP/MPS/MP-C.
Operating Temperature Range
-30℃ to +60℃
Upright
-Use Class 2 power supply.
Sound Pressure Level
Environmental
Condition
IP65 (Self-Declaration based on IEC 60529)
FCC Part15 SubpartB Class A
80dB typ
RoHS Directive(DIRECTIVE 2002/95/EC)


Similar Part No. - MP-B

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP-B110A MULTICOMP-MP-B110A Datasheet
142Kb / 2P
Pro LED Panel Indicator
12/12/24 V1.0
MP-B240A MULTICOMP-MP-B240A Datasheet
142Kb / 2P
Pro LED Panel Indicator
12/12/24 V1.0
logo
SHIELD s.r.l.
MP-BK SHIELD-MP-BK Datasheet
95Kb / 2P
PVC, CEI 20-22 II
MP-BK7 SHIELD-MP-BK7 Datasheet
95Kb / 2P
PVC, CEI 20-22 II
MP-BK74-02XC5 SHIELD-MP-BK74-02XC5 Datasheet
95Kb / 2P
PVC, CEI 20-22 II
More results

Similar Description - MP-B

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC1232 IMPALA-ILC1232 Datasheet
75Kb / 5P
mP Supervisory Circuit
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
Intelligent MP
logo
PHOENIX CONTACT
1884416 PHOENIX-1884416 Datasheet
98Kb / 4P
VC-MP-A2
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_11 Datasheet
3Mb / 9P
Intelligent MP Series
UMP EMERSON-NETWORKPOWER-UMP Datasheet
1Mb / 6P
關MP Series
logo
Amphenol Corporation
SD2941-10 AMPHENOL-SD2941-10 Datasheet
562Kb / 3P
Luminus MP Series
SJS840400 AMPHENOL-SJS840400 Datasheet
562Kb / 3P
Luminus MP Series
SJS840410 AMPHENOL-SJS840410 Datasheet
562Kb / 3P
Luminus MP Series
logo
Crydom Inc.,
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DRA1 MP Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com