Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMGCJFB Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R5F10DMGCJFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10DMGCJFB Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R5F10DMGCJFB Datasheet HTML 28Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 29Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 30Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 31Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 32Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 33Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 34Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 35Page - Renesas Technology Corp R5F10DMGCJFB Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 139 page
background image
RL78/D1A
2. PIN FUNCTIONS
R01DS0463EJ0120 Rev. 1.20
Page 32 of 135
Mar 31, 2026
2.1.3 80-pin products
Table 2-4. Port Pins for R5F10CMD, R5F10CME, R5F10DMD, R5F10DME, R5F10DMF, R5F10DMG, R5F10DMJ (1/2)
Pin Name
I/O
Function
During
Reset
After
Reset
Alternate Function
P00
I/O
Port 0. 8-bit I/O port.
Input of P01 can be set to schmitt 1 input
buffer.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: PD
Int.: HZ
Input
TI00/TO00/CTxD0/SEG14Note1
P01
TI01/TO01/CRxD0/SEG15Note1
P02
SO00/TI02/TO02/TI12/TO12/SEG16
P03
SI00/TI03/TO03/TI13/TO13/SEG17
P04
SCK00/TI04/TO04/TI14/TO14/SEG18
P05
TI05/TO05/TI15/TO15/SEG19
P06
TI06/TO06/TI16/TO16/SEG20
P07
TI07/TO07/TI17/TO17/SEG21
P10
I/O
Port 1. 8-bit I/O port.
Input of P10, P11, and P17 can be set to
schmitt 1 input buffer.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: PD
Int.: HZ
Input
LTxD1/SCK00/TI10/TO10/INTP4/SEG31
P11
LRxD1/INTPLR1/SI00/TI11/TO11/SEG30
P12
SO00/TI12/TO12/INTP2/SEG29
P13
SO01/TI13/TO13/SEG25
P14
TI14/TO14/LRxD0/INTPLR0/SEG24
P15
TI15/TO15/LTxD0/RTC1HZ/SEG23
P16
TI16/TO16/SEG22
P17
TI17/TO17/INTP0/SEG28
P20
I/O
Port 2. 8-bit I/O port.
Can be set to analog input Note2
Input/output can be specified in 1-bit units.
HZ
Analog
Input
AVREFP/ANI0
P21
AVREFM/ANI1
P22 to P27
ANI2 to ANI7
P30
I/O
Port 3. 8-bit I/O port.
Input of P31 can be set to schmitt 1 input
buffer.
Output of P30 and P31 can be set to N-ch
open-drain output.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: PD
Int.: HZ
Input
TI20/TO20/SCL11/SEG6
P31
TI21/TO21/SDA11/SEG7
P32
TI22/TO22/SO00/SEG8
P33
TI23/TO23/SI00/SEG9
P34
TI24/TO24/SCK00/SEG10
P35
TI25/TO25/SEG11
P36
TI26/TO26/SEG12
P37
TI27/TO27/SEG13
P40
I/O
Port 4. 1-bit I/O port.
Input/output can be specified.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: HZ
Int.: PU
Input
TOOL0
P54
I/O
Port 5. 4-bit I/O port.
Input of P55 to P57 can be set to schmitt 1
input buffer.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: PD
Int.: HZ
Input
TI14/TO14/SO01/SEG2
P55
TI15/TO15/SI01/SEG3
P56
TI16/TO16/SCK01/SEG4
P57
TI17/TO17/SEG5
Remark Ext. (external reset): POR reset or pin reset, Int. (internal reset): WDT reset or LVD reset,
PD: Pull down, PU: Pull up, HZ: High impedance
Notes 1. CTxD0 and CRxD0 are not provided for R5F10CME and R5F10CMD with no CAN channel.
2. Setting digital or analog to each pin can be done in A/D port configuration register (ADPC).
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com