Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1084LX Datasheet(PDF) 4 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1084LX
Description  5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1084LX Datasheet(HTML) 4 Page - Globaltech Semiconductor Co.,Ltd

  GS1084LX Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1084LX Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1084LX Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1084LX Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1084LX Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1084LX Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1084LX Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1084LX Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1084LX Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.gs-power.com
Electrical Characteristics
IOUT = 0 mA, and TJ = +25°C, unless otherwise noted
Parameter
Device
Conditions
Min
Typ
Max
Units
Reference
Voltage(1)
GS1084L
Vin=2.75V , Io=10mA
Vin=2.7 to 7V ,
Io=10mA to 5A
1.238
1.225
1.250
1.250
1.263
1.275
V
V
Output Voltage
GS1084L- 1.5
Vin=4.0V
Vin=3.0V , Io= 0mA to 5A
1.485
1.470
1.500
1.500
1.515
1.530
V
V
GS1084L- 1.8
Vin=4.3V
Vin=3.3V , Io= 0mA to 5A
1.782
1.764
1.800
1.800
1.818
1.836
V
V
GS1084L- 2.5
Vin=5.0V
Vin=4.0V , Io= 0mA to 5A
2.475
2.450
2.500
2.500
2.525
2.550
V
V
GS1084L- 3.3
Vin=5.8V
Vin=4.8V , Io= 0mA to 5A
3.267
3.234
3.300
3.300
3.333
3.366
V
V
GS1084L- 5.0
Vin=7.5V
Vin=6.5V , Io= 0mA to 5A
4.950
4.900
5.000
5.000
5.050
5.100
V
V
Line Regulation(1)
All
IO =10mA
(Vo+1.5V)
Vin
7V
0.04
0.2
%
Load
Regulation(1)
All
Vin=Vo+2.5V , Io=0mA to 5A
0.08
0.4
%
Dropout Voltage
(VIN - VOUT) (1),(3)
All
OUT
REF
= 1%,
IOUT = 5A
1.1
1.3
V
Current Limit(1)
All
5.5
A
Quiescent
Current
All
VIN =5V
5
10
mA
Ripple
Rejection(1)
All
f =120Hz , COUT
Tantalum, IOUT = 3A,
(VIN-VOUT ) = 3V, CADJ
60
75
dB
Adjust Pin
Current(1)
GS1084L
50
120
Temperature
Stability
0.5
%
Long Term
Stability
TA = 12.5°C, 1000Hrs
0.03
1
%
NOTE 1: For GS1084L(adjustable) VADJ=0V
NOTE 2: For the adjustable device the minimum load current is the minimum current required to maintain
regulation. Normally the current in the resistor divider used to set the output voltage is selected to meet
the minimum load current requirement.
NOTE 3 : The specification represent the minimum input/output voltage required to maintain 1% regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com