Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1084LMF Datasheet(PDF) 7 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1084LMF
Description  5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1084LMF Datasheet(HTML) 7 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS1084LMF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS1084LMF Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.gs-power.com
Package Dimension
TO-263 PLASTIC PACKAGE
Dimensions
SYMBOL
Millimeters
Inches
MIN
MAX
MIN
MAX
A
4.06
4.83
.160
.190
A1
0
0.25
.000
.010
b
0.51
0.99
.020
.039
b1
1.14
1.78
.045
.070
c
0.38
0.74
.015
.029
c1
1.14
1.65
.045
.065
D
8.38
9.65
.330
.380
D1
6.86
-
.270
-
E
9.65
10.67
.380
.420
E1
6.22
-
.245
-
e
2.54 (TYP)
.100 (TYP)
H
14.61
15.88
.575
.625
L
1.78
2.79
.070
.110
L1
-
1.68
-
.066
L2
-
1.78
-
.070
L3
0.25 (TYP)
.010 (TYP)
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com