Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1084LM18F Datasheet(PDF) 2 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1084LM18F
Description  5A Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1084LM18F Datasheet(HTML) 2 Page - Globaltech Semiconductor Co.,Ltd

  GS1084LM18F Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1084LM18F Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1084LM18F Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1084LM18F Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1084LM18F Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1084LM18F Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1084LM18F Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1084LM18F Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1084LM18F Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.gs-power.com
Packages & Pin Assignments
GS1084LM
(TO-263)
GS1084LD
(T0-252)
GS1084LX
(SOT-223)
1
GND/ADJ
1
GND/ADJ
1
GND/ADJ
2
VOUT
2
VOUT
2
VOUT
3
VIN
3
VIN
3
VIN
Ordering Information
TO-263
TO-252
SOT-223
Output
GS1084LMF
GS1084LDF
GS1084LXF
ADJ
GS1084LM15F
GS1084LD15F
GS1084LX15F
1.5V
GS1084LM18F
GS1084LD18F
GS1084LX18F
1.8V
GS1084LM25F
GS1084LD25F
GS1084LX25F
2.5V
GS1084LM33F
GS1084LD33F
GS1084LX33F
3.3V
GS1084LM50F
GS1084LD50F
GS1084LX50F
5.0V
Marking Information



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com