Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2803L15F Datasheet(PDF) 4 Page - Globaltech Semiconductor Co.,Ltd

Part # GS2803L15F
Description  Low Current Consumption and Low Dropout Voltage LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS2803L15F Datasheet(HTML) 4 Page - Globaltech Semiconductor Co.,Ltd

  GS2803L15F Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS2803L15F Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS2803L15F Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS2803L15F Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS2803L15F Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS2803L15F Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS2803L15F Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS2803L15F Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS2803L15F Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.gs-power.com
Electrical Characteristics (Unless otherwise specified VIN=VOUT+1V, TA=25°C)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent Current
VIN=VOUT+1.0V, En pin=ON, No Load
-
1.0
1.35
μA
Istandby
Standby Current
VIN=VOUT+1.0V, En pin=OFF, No Load
-
0.01
0.1
μA
VIN
Input Voltage
1.5
-
5.5
V
VOUT
Output Voltage
VIN=VOUT+1.0V
IOUT = 30mA
1.0V≤VOUT<1.5V
VOUT
-0.01
5
VOUT VOUT
+0.015
V
1.5V≤VOUT≤3.5V
VOUT
x0.99
VOUT VOUT
x1.01
IOUT
Output Current
VIN≥VOUT+1.0V
1.0V≤VOUT<1.1V
100
-
-
mA
1.1V≤VOUT<1.2V
125
-
-
1.2V≤VOUT<1.3V
150
-
-
1.3V≤VOUT<1.4V
175
-
-
1.4V≤VOUT≤3.5V
200
-
-
ΔVLINE
Line regulation
VOUT+0.5V≤VIN≤5.5V
IOUT = 1μA
1.0V≤VOUT≤3.5V
-
0.05
0.2
%/V
VOUT+0.5V≤VIN≤5.5V
IOUT = 30mA
1.0V≤VOUT<1.1V
-
0.07
2.0
%/V
1.1V≤VOUT<1.2V
-
0.06
1.0
%/V
1.2V≤VOUT≤3.5V
-
0.05
0.2
%/V
ΔVLOAD
Load Regulation
VIN=VOUT+1.0V
1μA≤IOUT≤100mA
1.0V≤VOUT≤3.5V
-
20
40
mV
VIN=VOUT+1.0V
0.1mA≤IOUT≤200mA
1.0V≤VOUT<1.1V
-
40
640
mV
1.1V≤VOUT<1.2V
-
40
400
mV
1.2V≤VOUT<1.3V
-
40
160
mV
1.3V≤VOUT<1.4V
-
40
80
mV
1.4V≤VOUT≤3.5V
-
40
80
mV
VDROP
Dropout Voltage
IOUT = 100mA
1.0V≤VOUT<1.1V
0.50
0.76
1.55
V
1.1V≤VOUT<1.2V
-
0.67
1.39
1.2V≤VOUT<1.3V
-
0.58
1.25
1.3V≤VOUT<1.4V
-
0.49
1.11
1.4V≤VOUT<1.5V
-
0.43
0.99
1.5V≤VOUT<1.7V
-
0.37
0.85
1.7V≤VOUT<1.8V
-
0.31
0.68
1.8V≤VOUT<2.0V
-
0.27
0.58
2.0V≤VOUT<2.5V
-
0.23
0.49
2.5V≤VOUT<2.8V
-
0.18
0.38
2.8V≤VOUT<3.0V
-
0.17
0.33
3.0V≤VOUT≤3.5V
-
0.16
0.32
△VOUT/△T OutputVoltage
Temperature Coefficient
VIN=VOUT+1.0V, IOUT=30mA,
-40°C≤TA≤85°C
-
±130
-
ppm/°
C
VEN(HI)
EN Input High Voltage
VIN=VOUT+1.0V, RL=1.0KΩ
-
-
0.65
V
VEN(LO)
EN Input Low Voltage
VIN=VOUT+1.0V, RL=1.0KΩ
-
-
0.3
V
Ishort
Short-Circuit Current
VIN=VOUT+1.0V, En Pin=ON, VOUT= 0V
-
50
-
mA
RLOW
On Resistance for
Discharge
VEN=0V
-
35
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com