Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMI-MM-RASU-3M Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HDMI-MM-RASU-3M
Description  HDMI 2.0 90 M/M CABLE, NYLON BRAID 4K@60Hz, RIGHT ANGLE STRAIGHT/UP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HDMI-MM-RASU-3M Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HDMI-MM-RASU-3M Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DGUTTADAURO
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
LENGTH
.35
9.0
PIN19
PIN18
PIN1
PIN2
LABEL
SEE NOTE 1
(1/0.23BC*1P+D1/0.23BC+AL/MY)*5P+1/0.23BC*4C+AL/MY
+D1/0.23BC+B64/0.12AM
JACKET: BLACK PVC OD:6.0
+BLACK THREE WIRE NYLON NET OD:6.8 0.2mm
2X BLACK PVC 45P
WWW.L-COM.COM
LCXXXXX
.35 MIN
9.0 MIN
19
18
2
1
P1
HDMI FM 19P
PIN:G/F, SHELL: GOLD PLATED
P2
HDMI FM 19P
PIN:G/F, SHELL: GOLD PLATED
NOTES:
CABLE ASSEMBLY LENGTH LABEL PLACEMENT: 36 INCHES OR
1.
LESS, ONE LABEL, APPROXIMATELY CENTERED. LONGER
THAN 36 INCHES, TWO LABELS APPROXIMATELY 6 INCHES
FROM EACH CONNECTOR.
CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2.
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
3.
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
03/02/2023
DMAY
DGUTTADAURO
PART NUMBER
LENGTH
FEET
METERS
HDMI-MM-RASU-1M
3.28
1.0 .03
HDMI-MM-RASU-3M
9.84
3.0 .03
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
HDMI-MM-RASU
A
1
1
HBAKKE
03/03/2023
03/03/2023
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
4K@60Hz, RIGHT ANGLE STRAIGHT/UP
AUDIO/VIDEO
UNLESS OTHERWISE SPECIFIED,
DMAY
COLOR VARIATIONS
MAY OCCUR
03/02/2023
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: HDMI-MM-RASU.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]
HDMI 2.0 90 M/M CABLE, NYLON BRAID


Similar Part No. - HDMI-MM-RASU-3M

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HDMI-MM-RASU-3M L-COM-HDMI-MM-RASU-3M Datasheet
105Kb / 1P
HDMI 2.0 90 M/M CABLE, NYLON BRAID 4K@60Hz, RIGHT ANGLE STRAIGHT/UP
03/02/2023
More results

Similar Description - HDMI-MM-RASU-3M

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Tripp Lite. All Rights ...
P142000UP TRIPPLITE-P142000UP Datasheet
505Kb / 2P
HDMI Right Angle Up Adapter - Coupler (M-F)
P142-000-UP TRIPPLITE-P142-000-UP Datasheet
167Kb / 2P
HDMI Right Angle Up Adapter / Coupler (M/F), 4K @ 60Hz
P584-003 TRIPPLITE-P584-003 Datasheet
153Kb / 2P
Mini DisplayPort Cable (M/M), 4K x 2K 3840 x 2160 @ 60Hz, 3-ft.
P582-010-4K6AE TRIPPLITE-P582-010-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 10 ft., Black
P582-010-HD-V2A TRIPPLITE-P582-010-HD-V2A Datasheet
176Kb / 3P
DisplayPort 1.2a to HDMI Active Adapter Cable with Gripping HDMI Plug, HDMI 2.0, HDCP 2.2, 4K x 2K @ 60 Hz (M/M), 10 ft.
P582-015-4K6AE TRIPPLITE-P582-015-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 15 ft., Black
P582-020-4K6AE TRIPPLITE-P582-020-4K6AE Datasheet
167Kb / 3P
DisplayPort 1.2a to HDMI 2.0 Active Adapter Cable (M/M) - Grip HDMI Plug, 4K @ 60 Hz, 20 ft., Black
P584-006 TRIPPLITE-P584-006_V01 Datasheet
32Kb / 3P
Mini DisplayPort Cable, 4K 60Hz (M/M), White, 6 ft. (1.8 m)
P584-010 TRIPPLITE-P584-010_V01 Datasheet
32Kb / 3P
Mini DisplayPort Cable, 4K 60Hz (M/M), White, 10 ft. (3.05 m)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com