Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTR8002 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTR8002
Description  true one-port, surface-acoustic-wave (SAW) resonator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR8002 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTR8002 Datasheet HTML 1Page - Advanced Crystal Technology ACTR8002 Datasheet HTML 2Page - Advanced Crystal Technology ACTR8002 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 OF 3
The ACTR8002/868.35/DCC6C is a true one-port, surface-acoustic-wave (SAW) resonator in a
surface-mount ceramic DCC6C case. It provides reliable, fundamental-mode, quartz frequency
stabilization i.e. in transmitters or local oscillators operating at 868.350 MHz.
1.Package Dimension (DCC6C)
2.
3.Equivalent LC Model and Test Circuit
4.Typical Application Circuits
1) Low-Power Transmitter Application
2) Local Oscillator Application
Pin
Configuration
2
Input / Output
5
Output / Input
1,3,4,6
Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
0.6
E
1.1
B
1.5
F
3.0
C
1.5
G
3.0
D
1.8
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTR8002

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR8002 ACT-ACTR8002 Datasheet
132Kb / 3P
SAW Filter
March 2010
ACTR8002/868.35/DCC6C ACT-ACTR8002/868.35/DCC6C Datasheet
132Kb / 3P
SAW Filter
March 2010
ACTR8002 ACT-ACTR8002_10 Datasheet
132Kb / 3P
SAW Filter
March 2010
More results

Similar Description - ACTR8002

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR315MS ACT-ACTR315MS Datasheet
61Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR868.3 ACT-ACTR868.3 Datasheet
64Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR868.35 ACT-ACTR868.35 Datasheet
59Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR30 ACT-ACTR30 Datasheet
59Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR310 ACT-ACTR310 Datasheet
59Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR315 ACT-ACTR315_1 Datasheet
67Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR318 ACT-ACTR318 Datasheet
62Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR422 ACT-ACTR422 Datasheet
61Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR430 ACT-ACTR430_1 Datasheet
58Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR550 ACT-ACTR550 Datasheet
57Kb / 3P
true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com