Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-SMPV-6 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT-SMPV-6
Description  Surface Mount VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT-SMPV-6 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT-SMPV-6 Datasheet HTML 1Page - Advanced Crystal Technology ACT-SMPV-6 Datasheet HTML 2Page - Advanced Crystal Technology ACT-SMPV-6 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Symbol
Please Specify
Output Voltage
VOL
DIMENSIONS (mm)
19.44~180MHz @ 25±5°C std (Some higher frequencies available)
5.0V±5%
120mA max
2.5Vdc±2.0V
3.3V±5%
80mA max
1.65Vdc±1.65V
2nS max
PECL
LVPECL
LVDS
Vdd -2V to 50
Ω
100
Ω Diff
10KHz min
Positive
Slope Polarity
Linearity
0~70°C Standard, -40~+85°C Option
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT-SMPV - 6 Surface Mount VCXO
Specification
Specification
Parameter
fo
Condition
Please Specify
±20ppm~±100ppm std (Some tighter stabilities available)
Please Specify
Please Specify
Δfc
Δf/fo
Topr
-55~+125°C
±30ppm~±100ppm
Vdd -1.025Vdc min
Tstg
Vc
Output
Vdd
See Phase Noise example on Page 2
50K
Ω
tr/tf
For quotations or further information please contact us at:
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Rise & Fall Times
Modulation Bandwidth(±3dB)
Input Impedance
±10% max
Fa
20% to 80% of Waveform
±3ppm/yr
Phase Noise
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Operating Temperature Range, Supply Voltage, Output & Symmetry
Frequency Range
Temp Operating Range
Storage Temp Range
Supply Current
Frequency Stability
Supply Voltage
Voltage Control
Please Specify
Aging
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
The ACTSMPV6 is a 6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO) housed in a
14.0X10.3 mm PCB based package with a metal lid. These devices can be pulled between ±30ppm &
±100ppm from the nominal frequency by varying the voltage on pin 1(Dependent on Vdd). Outputs are
available in PECL (5V Vdd), LVPECL and LVDS (3.3V Vdd).
Applications include PLL circuits, Set Top Box, MP3 Players, Audio/Video modulations, Video Game
Consoles, HDTV and many more.
Duty Cycle
Tw/t
40/60% Standard, 45/55% Option
Iop
VOH
N/CL
Output Load
Jitter
Vdd -1.620Vdc min
1.375Vdc min
1.125V max
3.5ps RMS max
Pulling Range
Issue 2 D2
Date: 2/08/05
V control
Tri-State or N./C
Ground
Output
Complementary Output
Vdd
#1
#2
#3
#4
#5
#6
Pin Connection
Pad surface material Au
1 of 3


Similar Part No. - ACT-SMPV-6

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-017P2Q AEROFLEX-ACT-S128K32C-017P2Q Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-017P7Q AEROFLEX-ACT-S128K32C-017P7Q Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-020P2Q AEROFLEX-ACT-S128K32C-020P2Q Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
ACT-S128K32C-020P7Q AEROFLEX-ACT-S128K32C-020P7Q Datasheet
414Kb / 10P
High Speed 4 Megabit SRAM Multichip Module
More results

Similar Description - ACT-SMPV-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VF194 ETC2-VF194 Datasheet
210Kb / 1P
Surface Mount VCXO
logo
ECM Electronics Limited...
ECV40 ECM-ECV40 Datasheet
74Kb / 1P
Surface Mount VCXO
VF194 ECM-VF194 Datasheet
210Kb / 1P
Surface Mount VCXO
VF594 ECM-VF594 Datasheet
165Kb / 1P
Surface Mount VCXO
VF594T ECM-VF594T Datasheet
169Kb / 1P
Surface Mount VCXO
logo
List of Unclassifed Man...
CC154 ETC2-CC154 Datasheet
48Kb / 1P
Ceramic Surface Mount VCXO
logo
Connor-Winfield Corpora...
VSA31012 CONNOR-WINFIELD-VSA31012 Datasheet
64Kb / 1P
SURFACE MOUNT ACMOS VCXO
VSH31012 CONNOR-WINFIELD-VSH31012 Datasheet
65Kb / 1P
SURFACE MOUNT HCMOS VCXO
VSML31151 CONNOR-WINFIELD-VSML31151 Datasheet
120Kb / 2P
SURFACE MOUNT 3.3V VCXO
logo
Golledge Electronics Lt...
GVXO-331G GOLLEDGE-GVXO-331G Datasheet
595Kb / 5P
1.8V Surface Mount VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com