Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTX3033D Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTX3033D
Description  Bandpass Filter for Digital Cable & STB Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTX3033D Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTX3033D Datasheet HTML 1Page - Advanced Crystal Technology ACTX3033D Datasheet HTML 2Page - Advanced Crystal Technology ACTX3033D Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Electronic Characteristics
Reference temperature:
TA = 25 °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
Item
min.
typ.
max.
Unit
Centre frequency
fC
(Centre between 10 dB points)
36.070
36.125
36.180
MHz
Insertion attenuation
IL
Reference level for
the following data
36.13
MHz
18.8
20.3
21.8
dB
Pass bandwidth
α
rel ≤ 1 dB
BW1dB
—
7.2
—
MHz
α
rel ≤ 3 dB
BW3dB
—
7.9
—
MHz
α
rel ≤ 30 dB
BW30dB
—
9.4
—
MHz
Relative attenuation
α
rel
32.32
MHz
—
1.3
—
dB
39.93
MHz
0.3
1.3
2.3
dB
32.13
MHz
2.4
3.6
4.8
dB
40.13
MHz
2.4
3.6
4.8
dB
31.25
MHz
28.0
36.0
—
dB
47.25
MHz
42.0
50.0
—
dB
Lower sidelobe
25.00 ... 29.50
MHz
24.0
30.0
—
dB
29.50 … 31.25
MHz
27.0
33.0
—
dB
Upper sidelobe
40.90 ... 43.50
MHz
26.0
32.0
—
dB
43.50 … 50.00
MHz
28.0
37.0
—
dB
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com