Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTHC49-US Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTHC49-US
Description  family of robust, through hole crystals featuring high reliability,
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTHC49-US Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTHC49-US Datasheet HTML 1Page - Advanced Crystal Technology ACTHC49-US Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24.000 ~ 100.00
6.750
11.000
20.0000
33.333
16.000312
28.000
42.000
60.000
30.000
50.000
52.416
46.000
42.500
28.63636
Standard Frequencies (MHz)
32.256
5.0688
10.240
16.384
5.000
10.000
29.000
45.000
29.4912
4.433619
9.600
15.000
4.9152
9.8304
16.000
26.800
40.320
4.194304
8.6436
14.7456
27.000
40.960
4.096
8.604
14.31818
24.576
36.000
4.032
8.192
12.800
25.000
40.000
4.000
8.000
12.288
22.1184
33.868
3.686400
7.680
12.000
24.000
35.2512
3.579545
7.3728
11.2896
6.000
10.244
16.660
6.144
10.245
18.000
6.176
10.592
18.432
32.768
56.448
6.5539
10.752
19.6608
33.000
66.666667
7.15909
11.0592
20.00014
33.868
Dependant on temperature
Others available Please specify
Fundamental & 3rd Overtone
Others available Please specify
See table below
7pFmax
Please specify
50
μW Typ
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please specify
The ACT HC49/US is a family of robust, through hole crystals featuring high reliability,
tight stability and standard temperature range with extended temperature ranges also
available.
Applications include Computers, Modems, Networking, Telecomms, Industrial,
Consumer Electronics, Instrumentation and many more.
ACT HC49/US ( Custom Packages )
Specification
Parameter
±5 ~ ±100ppm
C0
Temp Operating Range
Temp Storage Range
DL
Tstg
ESR
500M
Ω min
60
@100Vdc
AT Fund
12.000 ~13.999
Mode
Others available Please specify
IR
ESR (
Ω)
ESR (
Ω)
4.200 ~ 4.499
±5 ~ ±100ppm
-10 to +60°C
-40 ~ +85°C
CL
8 ~ 55pF or SR
Topr
Drive Level
Aging
3.000 ~ 4.199
Frequency
Frequency Range
Frequency Tol. @25°C
Stability over Temp Range
Equivalent Series Resistance
Insulation Resistance
Load Capacitance
Tc
Symbol
3.00 ~ 100.00MHz
fo
Δf/fo
Specification
±5ppm per year max @25°C
Mode
Frequency
Fa
180
130
AT Fund
AT Fund
35
AT Fund
AT Fund
AT Fund
14.000 ~ 16.999
50
8.000 ~ 9.999
10.00 ~ 11.999
70
Shunt Capacitance
(MHz)
max
(MHz)
max
4.500 ~ 5.999
6.000 ~ 7.999
17.000 ~ 35.999
36.000 ~ 40.000
100
90
25
40
AT Fund
ISO9001:2000 Registered
Condition
60
AT Fund
100
3rd OT
BT Fund
20.000 ~ 100.00
AT Fund
AT Fund
Please specify
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Issue : 5C1H3
Date: 160205
1 of 2


Similar Part No. - ACTHC49-US

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTHC49-US-SMX ACT-ACTHC49-US-SMX Datasheet
114Kb / 1P
most cost effective and popular surface mount crystals
14/12/06
ACTHC49-USSMXE-A ACT-ACTHC49-USSMXE-A Datasheet
173Kb / 2P
SMD crystals
14/11/06
More results

Similar Description - ACTHC49-US

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AWT3 ETC2-AWT3 Datasheet
46Kb / 1P
Through Hole Tuning Fork Crystals
logo
EUROQUARTZ limited
HC35 EUROQUARTZ-HC35 Datasheet
152Kb / 1P
THROUGH-HOLE CRYSTALS
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
THROUGH-HOLE CRYSTALS
HC51 EUROQUARTZ-HC51 Datasheet
81Kb / 1P
THROUGH-HOLE CRYSTALS
UM-1SL EUROQUARTZ-UM-1SL Datasheet
87Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Caliber Electronics Inc...
AWT CALIBER-AWT Datasheet
52Kb / 1P
Through Hole Tuning Fork Crystals
logo
Advanced Crystal Techno...
ACT_HC49_US_CUSTOM ACT-ACT_HC49_US_CUSTOM Datasheet
207Kb / 3P
family of robust, through hole crystals featuring high reliability
20-03-2013
ACT_HC49_US_SMX_EG&E ACT-ACT_HC49_US_SMX_EG&E Datasheet
354Kb / 3P
range of low profile, SMD crystals featuring good reliability and aging
03-04-2013
logo
Rochester Electronics
LM6161J ROCHESTER-LM6161J Datasheet
617Kb / 1P
ADDED LEVELS OF RELIABILITY for the LM6161 family of Op Amps
logo
Dynex Semiconductor
AN5948 DYNEX-AN5948 Datasheet
833Kb / 11P
Reliability of High Power
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com