Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTHC49/US Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTHC49/US
Description  family of robust, through hole crystals featuring high reliability,
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTHC49/US Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTHC49/US Datasheet HTML 1Page - Advanced Crystal Technology ACTHC49/US Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email : info@actcrystals.com
A
B
C
D
E
2.5 max
2.7max
3.5max
4.0max
G
H
PACKAGE OPTIONS AVAILABLE
With insulating washer.
Cropped leads.
With centre ground lead.
F
LO Series
BH Series
KO Series
JO Series
12.7 min
0.45 +/- 0.05
5.0 max
4.0 max
Dimensions (mm)
10.5
4.88+/-0.2
11.05
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
ACT HC49/US ( Custom Packages )
http://www.actcrystals.com
Issue : 5C1H3
Date: 160205
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com