Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTHC49/US-SMX Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTHC49/US-SMX
Description  most cost effective and popular surface mount crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTHC49/US-SMX Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTHC49/US-SMX Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Drive Level Dependency
DLD
Note 1
For packages BM (H=3.8mm) and PO (H=4.2mm) Frequency Tolerance starts at ±5ppm
Frequency (MHz)
AT Fund
AT Fund
AT Fund
AT Fund
BT Fund
10.00 ~ 11.999
24.000 ~ 100.00
3rd Overtone
Recommended maximum re-flow profile
HC49US SMX TAPE DIMENSIONS (mm)
STANDARD REEL QUANTITY 1000PCS
AT Fund
AT Fund
AT Fund
ESR (
Ω) max
60
50
35
Mode
AT Fund
AT Fund
AT Fund
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
Others available, please enquire.
14.000 ~ 16.999
17.000 ~ 35.999
8.000 ~ 9.999
130
100
4.500 ~ 5.999
25
60
4.200 ~ 4.499
90
70
Specification
Load Capacitance
Stability over Temp Range
Temp Operating Range
Temp Storage Range
Equivalent Series Resistance
Shunt Capacitance
Tc
Topr
Specification
6.000 ~7.999
Symbol
Frequency Tol.
Δf/fo
Frequency Range
Condition
Frequency (MHz)
3.000 ~ 4.199
ESR (
Ω) max
180
12.000 ~ 13.999
Parameter
CO
fo
CL
Fundamental & 3rd O/T
@25°C
(see note 1 for <±10 )
Dependent on temperature
±10 ~ ±100ppm
±5 ~ ±100ppm
3.00 ~ 100.00MHz
min at 100Vdc
Others available, please enquire.
Rmax/Rmin ≤1.3
Flmax/Flmin ≤1.3
Tstg
ESR
0.01, 0.1, 1, 10, 50, 100
μW steps
Others available, please enquire.
10 ~ 55pF & SR
See table below
7pFmax
-40 ~ +85°C
Please specify
-10 ~ +60°C Typ
Drive Level
Insulation Resistance
Aging
50
μ W typ
500M
Ω
±5ppm per year @25°C
DL max
IR
Fa
40
22.1184
3.579545
7.680
14.7456
Standard Frequencies
48.000
40.000
33.330
100
8.192
6.605
6.750
10.000
15.000
16.660
28.636363
27.000
11.0592
3.6864
4.000
4.096
4.9152
12.288
6.144
6.5539
5.000
13.560
25.000
20.00014
18.432
19.6608
16.9344
17.734475
18.000
20.000
12.000
http://www.actcrystals.com
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
7.3728
For quotations or further information please contact us at:
ISO9001:2000 Registered
22.080
14.31818
50.000
Customer to specify : Frequency Tolerance, Operating Temperature, Temperature Stability, Load Capacitance & Mode/cut
22.5792
6.000
10.240
11.000
24.000
16.670
9.8304
28.625
HC49US SMX OUTLINE DIMENSIONS
9.000
The ACT HC49/US-SMX is one of the most cost effective and popular surface mount crystals available. With
it’s wide range of frequencies, stabilities and operating temperatures it is still small enough to fit most
applications including many hand held units and is the economical solution for automatic assembly. With it's
available tight tolerances / stabilities and available operating temperature ranges, the HC49/US-SMX is a
favoured choice in many applications, including Communications, Industrial Controls, Microprocessor Systems,
Vending, Security and Access Control.
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT HC49/US-SMX
(Custom Packages)
23.040
36.000 ~ 40.000
20.000 ~ 40.00
Issue : 7C1A/F/H3
Date : 14/12/06
10.5 max
11.5 max
5.0 max
H
12.5 +- 0.5
0.8 0.3
+-
4.0 max
0.65 max
H
2.6
3.1
4.1
4.5
mm max
Height
5.5
5.5
2.0
Suggested Footprint
Dimensions mm
9.5
H: mm max:
2.6
(RO Series)
2.7
(BK Series)
3.1
(PG Series)
3.2
(AT Series)
3.5
(QO Series)
3.8
(BM Series)
4.2
(PO Series)
1 of 1


Similar Part No. - ACTHC49/US-SMX

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTHC49/US ACT-ACTHC49/US Datasheet
46Kb / 2P
family of robust, through hole crystals featuring high reliability,
160205
ACTHC49/USSMXE-A ACT-ACTHC49/USSMXE-A Datasheet
173Kb / 2P
SMD crystals
14/11/06
ACTHC49/USSMXEG-A ACT-ACTHC49/USSMXEG-A Datasheet
173Kb / 2P
SMD crystals
14/11/06
More results

Similar Description - ACTHC49/US-SMX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXA1 VECTRON-VXA1 Datasheet
52Kb / 2P
crystals offers the most popular crystal package for computer and peripherals
logo
MTRONPTI
HC-49U MTRONPTI-HC-49U Datasheet
261Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U_07 Datasheet
257Kb / 2P
Surface Mount Crystals
logo
EUROQUARTZ limited
86SMX EUROQUARTZ-86SMX Datasheet
47Kb / 1P
SURFACE-MOUNT CRYSTALS
90SMX-SH EUROQUARTZ-90SMX-SH Datasheet
103Kb / 1P
SURFACE-MOUNT CRYSTALS
logo
Mercury United Electron...
M49 MERCURY-M49 Datasheet
109Kb / 1P
Surface Mount Crystals
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
X22 MERCURY-X22 Datasheet
44Kb / 1P
Surface Mount Crystals
logo
Advanced Crystal Techno...
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
one of the most cost effective and popular surface mount crystals available.
29/06/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com