Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRMU-CM Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # GW-CSSRMU-CM
Description  OSLON® Square
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRMU-CM Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button GW-CSSRMU-CM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRMU-CM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRMU-CM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRMU-CM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRMU-CM Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRMU-CM Datasheet HTML 10Page - ams-OSRAM AG GW-CSSRMU-CM Datasheet HTML 11Page - ams-OSRAM AG GW-CSSRMU-CM Datasheet HTML 12Page - ams-OSRAM AG GW-CSSRMU-CM Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
GW CSSRMU.CM
DATASHEET
DATASHEET
9 | Version 1.1 | 2023-09-06
1
2
3
4
CCT
Group
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
2700 K
J
0.4613
0.4166
0.4526
0.4088
0.4560
0.4095
0.4589
0.4121
K
0.4613
0.4166
0.4628
0.4108
0.4594
0.4101
0.4589
0.4121
L
0.4628
0.4108
0.4541
0.4030
0.4565
0.4075
0.4594
0.4101
M
0.4565
0.4075
0.4560
0.4095
0.4526
0.4088
0.4541
0.4030
3000 K
J
0.4371
0.4104
0.4283
0.4014
0.4320
0.4026
0.4350
0.4056
K
0.4371
0.4104
0.4395
0.4050
0.4358
0.4038
0.4350
0.4056
L
0.4395
0.4050
0.4307
0.3960
0.4328
0.4008
0.4358
0.4038
M
0.4328
0.4008
0.4320
0.4026
0.4283
0.4014
0.4307
0.3960
3500 K
J
0.4102
0.4004
0.4017
0.3902
0.4077
0.3929
K
0.4102
0.4004
0.4137
0.3957
0.4077
0.3929
L
0.4137
0.3957
0.4052
0.3854
0.4077
0.3929
M
0.4052
0.3854
0.4017
0.3902
0.4077
0.3929
4000 K
J
0.3834
0.3866
0.3756
0.3760
0.3797
0.3784
0.3823
0.3819
K
0.3834
0.3866
0.3880
0.3832
0.3839
0.3808
0.3823
0.3819
L
0.3880
0.3832
0.3802
0.3726
0.3813
0.3773
0.3839
0.3808
M
0.3813
0.3773
0.3797
0.3784
0.3756
0.3760
0.3802
0.3726



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com