Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10367ASP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F10367ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10367ASP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F10367ASP Datasheet HTML 2Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 3Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 4Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 5Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 6Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 7Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 8Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 9Page - Renesas Technology Corp R5F10367ASP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0250 Rev.2.50
Jan 17, 2025
Page 6 of 109
1.3.2 On-chip oscillator characteristics
(1) High-speed on-chip oscillator oscillation frequency of the R5F102 products
Oscillator
Condition
MIN
MAX
Unit
High-speed on-chip
oscillator oscillation
frequency accuracy
TA = -20 to +85°C
-1.0
+1.0
%
TA = -40 to -20°C
-1.5
+1.5
TA = +85 to +105°C
-2.0
+2.0
(2) High-speed on-chip oscillator oscillation frequency of the R5F103 products
Oscillator
Condition
MIN
MAX
Unit
High-speed on-chip
oscillator oscillation
frequency accuracy
TA = -40 to + 85°C
-5.0
+5.0
%
1.3.3 Peripheral Functions
The following are differences in peripheral functions between the R5F102 products and the R5F103 products.
RL78/G12
R5F102 product
R5F103 product
20, 24 pin
product
30 pin product
20, 24 pin
product
30 pin
product
Serial interface
UART
1 channel
3 channels
1 channel
Simplified SPI (CSI)
2 channels
3 channels
1 channel
Simplified I2C
2 channels
3 channels
None
DMA function
2 channels
None
Safety function
CRC operation
Yes
None
RAM guard
Yes
None
SFR guard
Yes
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com