Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPXT-MOD-C1D2 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LPXT-MOD-C1D2
Description  CL1DV2 MOD 10/100 RJ45 F/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LPXT-MOD-C1D2 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LPXT-MOD-C1D2 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.78 45.21
NOTES:
HARDWARE INCLUDED.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
3.18
.13
1.25 31.75
1.6 41
UNDIMENSIONED FEATURES
MAY OCCUR
03/05/18
A
B
UNLESS OTHERWISE SPECIFIED,
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
B.PUCHASKI
C
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
LPXT-MOD-C1D2
A
LPXT-MOD-C1D2.SLDDRW
11
D.FRISIELLO
03/05/18
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
M.MARTINEZ
03/05/18
03/07/18
A
REVA DRAWING RELEASED
JLABOY
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
CL1DV2 MOD 10/100 RJ45 F/F
LIGHTNING PROTECTOR
PROJECTION
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
1.0 25
3.1 78


Similar Part No. - LPXT-MOD-C1D2

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LPXT-MOD-POE-C1D2 L-COM-LPXT-MOD-POE-C1D2 Datasheet
73Kb / 1P
CL1DV2 MOD 10/100 POE RJ45 F/F
03/08/18
More results

Similar Description - LPXT-MOD-C1D2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
Winchester Electronics ...
SD1069-1 WINCHESTER-SD1069-1 Datasheet
50Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
1069-1 WINCHESTER-1069-1 Datasheet
232Kb / 1P
ADAPTER, F-F BULKHEAD, 10 KV
logo
Tripp Lite. All Rights ...
N033-001-10PK TRIPPLITE-N033-001-10PK Datasheet
163Kb / 2P
Telephone Straight-Through Modular In-Line Coupler (RJ45 F/F), 10 Pack
logo
HARTING Technology Grou...
19-41-010-5407 HARTING-19-41-010-5407 Datasheet
536Kb / 2P
Han-Eco Mod.10-C-f. HTE/HSE-cord
19-41-010-5406 HARTING-19-41-010-5406 Datasheet
471Kb / 2P
Han-Eco Mod.10-C-f. HTE/HSE
19-41-010-5402 HARTING-19-41-010-5402 Datasheet
488Kb / 2P
Han-Eco Mod.10-C-f. HCC-cord loop
19-41-010-5404 HARTING-19-41-010-5404 Datasheet
503Kb / 2P
Han-Eco Mod.10-C-f. HBM/HSM-cord
19-41-010-5405 HARTING-19-41-010-5405 Datasheet
470Kb / 2P
Han-Eco Mod.10-C-f. HBM/HSM/HCC
19-41-210-5407 HARTING-19-41-210-5407 Datasheet
536Kb / 2P
Han-Eco Mod.10 Outd.-C-f. HTE/HSE-cord
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com