Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTZTACS Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTZTACS
Description  SMD Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTZTACS Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTZTACS Datasheet HTML 1Page - Advanced Crystal Technology ACTZTACS Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30 )
15 ) External Capacitor.
For frequencies from 5.0 to 8.0MHz it is recommended to use ZTACC MG series as the characteristics are better.
Most frequencies of the ZTA CS will eventually be phased out in favour of the smaller package devices. For new
applications the ZTACV MT is recommended for frequencies from 8 to 13MHz and the ZTACV MX for 16 to 60MHz.
W1
5.1±0.2
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
CD4069UBE x 2
For quotations or further information please contact us at:
± 0.5
5.00 ~ 13.00
± 0.3
Please note that all parameters can not necessarily be specified in the same device
26.00 ~ 50.00
Frequency
Number
Range (MHz)
(-20 ~ +80 °C)
C1 & C2
The ACT ZTACS family comprise of a range of surface mount, ceramic
resonators ("chip" type) in two pad format. This family offers a cost effective
solution to those applications where a wide temperature range, accuracy to ± 0.5,
small size and surface mounting are the requirements.
Aging over
Part Type/
Specification
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Ten Year (%)
Capacitors (pF)
(Ext. & Int.l)
ACT ZTACS SMD Resonators
Test IC
Frequency
Accuracy (%)
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
74HCU04 x 2
Pad material Sn
20.01 ~ 25.99
13.01 ~ 20.00
50.01~ 60.00
Specification may vary from above please enquire
T2
0.8±0.2
30
External Capacitor.
Customer to specify : Frequency
± 0.5
± 0.3
5 )
ZTACS MX
ZTACS MT
P2
0.8±0.4
1.6±0.3
ZTACS MG
4.7±0.2
L
T3
1.95±0.2
Stability over
temp. range
(-20 ~ +80°C)
± 0.4%
± 0.4%
H
W
4.1±0.2
Important note when using Ceramic resonators with micro controllers:
Some resonator parameters vary considerably with frequency and physical construction/size . These differences are too
great to be able to be practically shown in a data sheet.
However, these parameters can be critical when the resonators are used with micro controllers. Even if two different
resonators appear to have the same specification the typical values of these critical parameters can be considerably
different. When enquiring about resonators for use with micro controllers it is important to supply the make and part
number of the IC to be used and/or the list of recommended resonators, if this is given.
Issue : 8 C1r
Date :28/06/06
The piezo electric ceramic contains lead greater than the
RoHS limit as an inapplicability substance. Excluded from
RoHS legislation


Similar Part No. - ACTZTACS

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
SMD Resonators
27/03/2008
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
SMD Resonators
28/09/05
ACTZTACV ACT-ACTZTACV Datasheet
167Kb / 2P
SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
SMD Resonators
28/09/05
More results

Similar Description - ACTZTACS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZTACRMG ETC2-ZTACRMG Datasheet
235Kb / 2P
SMD Resonators
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
SMD Resonators
27/03/2008
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
SMD Resonators
28/09/05
ACTZTACV ACT-ACTZTACV Datasheet
167Kb / 2P
SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
SMD Resonators
28/09/05
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
SMD Resonators
01/108/07
ACTZTTCR ACT-ACTZTTCR Datasheet
216Kb / 2P
SMD Resonators
30/06/06
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
SMD Resonators
10/10/05
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
SMD Resonators
10/10/05
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
SMD Resonators
10/10/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com