Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWP900A Datasheet(PDF) 3 Page - Clarke International

Part # SWP900A
Description  SUBMERSIBLE SEWAGE PUMP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

SWP900A Datasheet(HTML) 3 Page - Clarke International

  SWP900A Datasheet HTML 1Page - Clarke International SWP900A Datasheet HTML 2Page - Clarke International SWP900A Datasheet HTML 3Page - Clarke International SWP900A Datasheet HTML 4Page - Clarke International SWP900A Datasheet HTML 5Page - Clarke International SWP900A Datasheet HTML 6Page - Clarke International SWP900A Datasheet HTML 7Page - Clarke International SWP900A Datasheet HTML 8Page - Clarke International SWP900A Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY INSTRUCTIONS
GENERAL
1. Read all instructions before use
and save these instructions for
future use.
2. An approved residual current
device (RCD) which has a
tripping current of less then 30mA
MUST be used for all operations.
3. The electrical supply must be the
same as that on the rating plate.
4. ALWAYS make sure that your
hands are dry when connecting
or disconnecting from the mains
supply.
5. NEVER pull the mains lead to
disconnect the pump from the
mains socket.
6. The mains plug must be kept
away from the water at all times.
7. DO NOT allow children or
unauthorised people to touch the
pump, cables or connections.
8. Disconnect the pump from the
mains supply when not in use.
9. If necessary have the pump
repaired by a qualified person.
10. Keep the mains lead away from
heat, oil and sharp edges.
11. If you have to use an extension
lead with this product, it must be
designed for outdoor use and
incorporate a cable suitable for
use with Class I appliances.
12. Disconnect the pump from the
electrical supply and wear gloves
during servicing or maintenance.
PUMP SPECIFIC
1. DO NOT pump explosive /
flammable liquids or chemicals.
2. NEVER allow the pump to run dry
or operate out of the water.
3. Submersible pumps should always
be submerged and stored
vertically.
4. Disconnect the pump from the
mains supply before placing it
into or removing it from the water.
5. ALWAYS check the plug, mains
cable and float switch cable for
damage before use.
6. DO NOT use the pump if
damaged. Refer to qualified
service personnel for repair.
7. NEVER carry the pump by the
power cable or float switch
always use the handle or a rope
tied securely to the handle.
8. NEVER insert your fingers into the
pump whilst it is connected to the
mains.
9. NEVER use the submersible pump
in a swimming pool when there
are people or animals in the pool.
10. Keep the pump clear of any
sediment by standing it on a
platform or brick or suspending it
at a suitable depth.
11. DO NOT use the pump if the
water is liable to freeze, as this
can cause damage to the pump.
Remove the pump from the
water and store it in a frost free
location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com