Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPD100 Datasheet(PDF) 4 Page - Clarke International

Part # WPD100
Description  DIESEL ENGINE DRIVEN 4” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

WPD100 Datasheet(HTML) 4 Page - Clarke International

  WPD100 Datasheet HTML 1Page - Clarke International WPD100 Datasheet HTML 2Page - Clarke International WPD100 Datasheet HTML 3Page - Clarke International WPD100 Datasheet HTML 4Page - Clarke International WPD100 Datasheet HTML 5Page - Clarke International WPD100 Datasheet HTML 6Page - Clarke International WPD100 Datasheet HTML 7Page - Clarke International WPD100 Datasheet HTML 8Page - Clarke International WPD100 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY IN THE WORKPLACE
1. ALWAYS keep work area clean & tidy. Cluttered work areas invite accidents.
2. NEVER over-reach. Keep proper footing and balance at all times.
3. ALWAYS make sure that the workplace is well lit. Make sure that that lighting is
placed so that you will not be working in your own shadow.
4. Dress correctly. Loose clothing or jewellery can get caught in moving parts. Non-
slip footwear is recommended. Wear protective hair covering to contain long hair.
5. ALWAYS wear safety glasses. (Everyday glasses are not safety glasses).
CARE OF PUMPS
1. ALWAYS examine the pump for damage that can effect the operation.
2. The CLARKE service department will only replace damaged components using
original spare parts.
ENVIRONMENTAL PROTECTION
At the end of its working life, do not discard this pump or its components with general
household waste. Packaging must be taken to a recycling centre and discarded
appropriately.
One of the most damaging sources of environmental pollution is oil and diesel
products. Never throw away unused diesel or used oil with domestic refuse or flush it
down a sink or drain. Collect any oil or diesel in a leak proof container and take it to
your local waste disposal site.
Should any components become completely un-serviceable and require disposal,
plastic and metal components should be disposed for re-cycling according to local
regulations.
Through purchase of this product, the customer is taking on the
obligation to deal with the WEEE in accordance with the WEEE regulations
in relation to the treatment, recycling & recovery and environmentally
sound disposal of the WEEE.
In effect, this means that this product must not be disposed of with general
household waste but in accordance with the laws governing Waste Electrical and
Electronic Equipment (WEEE) at a recognised disposal facility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com