Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTZTACV Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTZTACV
Description  SMD Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTZTACV Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTZTACV Datasheet HTML 1Page - Advanced Crystal Technology ACTZTACV Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
#For frequencies between 7.68MHz and 8.0MHz it is recommended to use the ZTA CC MG series as the characteristics are better.
Issue : 7 C1r
Date : 28/09/05
± 0.4%
± 0.3
Part Type/
Frequency
Test IC
Number
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
C1 & C2
15 ) External Capacitor.
50.01 ~ 60.00
5 )
20.01 ~ 25.99
74HCU04 x 2
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
(Ext. & Int.l)
Accuracy (%)
Stability over
Aging over
Capacitors (pF)
Frequency
30 )
30 External Capacitor.
± 0.3
(-20 ~ +80°C)
± 0.4%
13.01 ~ 20.00
7.68 ~ 13.00
CD4069UBE x 2
± 0.5
26.00 ~ 50.00
Specification may vary from above please enquire
± 0.5
ACT ZTACV SMD Resonators
Specification
ZTACV MX
The ACT ZTACV family comprises of a range of surface mount, ceramic resonators ("chip"
type) in two pad format. This family offers a cost effective solution to those applications where a
wide temperature range, accuracy, small size and surface mounting are the requirements.
temp. range
Ten Year (%)
ZTACV MT#
Range (MHz)
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Customer to specify : Frequency, Package Type and Size
Important note when using Ceramic resonators with micro controllers
Some resonator parameters vary considerably with frequency and physical construction/size . These differences are
too great to be able to be practically shown in a data sheet.
However, these parameters can be critical when the resonators are used with micro controllers. Even if two different
resonators appear to have the same specification the typical values of these critical parameters can be considerably
different. When enquiring about resonators for use with micri controllers it is important to supply the make and part
number of the IC to be used and/or the list of recommended resonators, if this is given.


Similar Part No. - ACTZTACV

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
SMD Resonators
27/03/2008
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
SMD Resonators
28/09/05
ACTZTACS ACT-ACTZTACS Datasheet
151Kb / 2P
SMD Resonators
28/06/06
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
SMD Resonators
28/09/05
More results

Similar Description - ACTZTACV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZTACRMG ETC2-ZTACRMG Datasheet
235Kb / 2P
SMD Resonators
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
SMD Resonators
27/03/2008
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
SMD Resonators
28/09/05
ACTZTACS ACT-ACTZTACS Datasheet
151Kb / 2P
SMD Resonators
28/06/06
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
SMD Resonators
28/09/05
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
SMD Resonators
01/108/07
ACTZTTCR ACT-ACTZTTCR Datasheet
216Kb / 2P
SMD Resonators
30/06/06
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
SMD Resonators
10/10/05
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
SMD Resonators
10/10/05
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
SMD Resonators
10/10/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com