Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP-003W Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SZP-003W
Description  Pole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SZP-003W Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SZP-003W Datasheet HTML 1Page - PATLITE CORPORATION. SZP-003W Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Indoor Only
Applicable Pole
Applicable Models
Mounting Location
Outer Dimensions
There are no contents of controlled substances exceeding the threshold for the RoHS
SPECIFICATIONS
1.General Specifications
Model
SZP-003□
List in the website http://www.patlite.com/
SZP-003-
W18D-1_2
Protection Rating
IP65(With Product Attached)
Remarks
Mass (Tolerance ±10%)
0.03kg(No Accessories)
Refer to the 3.Outer Dimensions
2.Model Number Configuration
3.Outer Dimensions
(
Unit:mm)
1
2
Color:Off-white,Silver,Black
Binding Head Tapping Screw(M3×12) 2pcs.
Pole Waterproof-ring 1pcs.
Accessory
Circular Bracket
1
UL Flammability
V-2
-
2Waterproof Packing
Silicone Rubber
PC
Material
No.
Name
SZP-003□
Body Color
KBlack
Circular Bracket
SZP
Model
-
Off-white
Silver
Applicable Models
003
Body Color
⇩
W
U


Similar Part No. - SZP-003W

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
SZP-001K PATLITE-SZP-001K Datasheet
286Kb / 2P
Circular Bracket
Rev. D
SZP-001U PATLITE-SZP-001U Datasheet
286Kb / 2P
Circular Bracket
Rev. D
SZP-001W PATLITE-SZP-001W Datasheet
286Kb / 2P
Circular Bracket
Rev. D
SZP-002U PATLITE-SZP-002U Datasheet
124Kb / 2P
Circular Bracket
SZP-004K PATLITE-SZP-004K Datasheet
276Kb / 1P
Pole Bracket
More results

Similar Description - SZP-003W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS3-45A01 ETC-TS3-45A01 Datasheet
105Kb / 1P
3-pole MCF
logo
Lumins Inc.
PL30P LUMINIS-PL30P Datasheet
154Kb / 2P
Pole mount
PR205 LUMINIS-PR205 Datasheet
18Kb / 1P
Pole mount
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
logo
Fairchild Semiconductor
FSA850 FAIRCHILD-FSA850 Datasheet
1Mb / 3P
Audio 3-Pole / 4-Pole MIC-GND Switch
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
SINGLE POLE AND DOUBLE POLE
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
1-pole/2-pole 16A polarized power relays
logo
ON Semiconductor
FSA850 ONSEMI-FSA850 Datasheet
422Kb / 10P
Audio 3-Pole / 4-Pole MIC-GND Switch
June 2016 Rev. 1.12
logo
M-System Co.,Ltd.
ITPL2 MSYSTEM-ITPL2 Datasheet
97Kb / 3P
MOUNTING POLE
logo
Advantech Co., Ltd.
AMIS-30EP ADVANTECH-AMIS-30EP Datasheet
885Kb / 2P
Pole Cart
21-Mar-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com