Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTZTTCS Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTZTTCS
Description  SMD Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTZTTCS Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTZTTCS Datasheet HTML 1Page - Advanced Crystal Technology ACTZTTCS Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
# For frequencies between 5.0 and 8.0 it is recommended to use the ACT CV MG series as the characteristics are better.
Specification may vary from above please enquire
Mode Thickness Expander 3rd O/T
Mode Thickness Expander
ACT ZTTCS SMD Resonators
Specification
Part Type/
Frequency
Test IC
Frequency
± 0.5
CD4069UBE x 2
Capacitors (pF)
(Ext. & Int.l)
The ACT ZTTCS family comprises of a range of surface mount, ceramic resonators ("chip" type)
in a three pad format, with a built in capacitors. This family offers a cost effective solution for
applications requiring good stability over a wide temperature range, together with accuracy.
C1 & C2
Aging over
Stability over
temp. range
(-20 ~ +80°C)
Ten Year (%)
Number
Range (MHz)
Accuracy (%)
± 0.3
30 Internal Capacitor.
ZTTCS MX
13.01 ~ 20.00
± 0.3%
ZTTCS MT
5.00 ~ 13.00#
22 ) Internal Capacitor.
13.01 ~ 20.00
50.01~60.00
74HCU04 x 2
± 0.5
20.01 ~ 50.00
5 )
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
± 0.3%
± 0.3
30 )
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Package Type and Size
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Important note when using Ceramic resonators with micro controllers:
Some resonator parameters vary considerably with frequency and physical construction/size . These differences are too great
to be able to be practically shown in a data sheet.
However, these parameters can be critical when the resonators are used with micro controllers. Even if two different
resonators appear to have the same specification the typical values of these critical parameters can be considerably different.
When enquiring about resonators for use with micro controllers it is important to supply the make and part number of the IC to
be used and/or the list of recommended resonators, if this is given.
Issue : 7 C1r
Date : 10/10/05


Similar Part No. - ACTZTTCS

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
SMD Resonators
01/108/07
ACTZTTCR ACT-ACTZTTCR Datasheet
216Kb / 2P
SMD Resonators
30/06/06
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
SMD Resonators
10/10/05
More results

Similar Description - ACTZTTCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZTACRMG ETC2-ZTACRMG Datasheet
235Kb / 2P
SMD Resonators
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
SMD Resonators
27/03/2008
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
SMD Resonators
28/09/05
ACTZTACS ACT-ACTZTACS Datasheet
151Kb / 2P
SMD Resonators
28/06/06
ACTZTACV ACT-ACTZTACV Datasheet
167Kb / 2P
SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
SMD Resonators
28/09/05
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
SMD Resonators
01/108/07
ACTZTTCR ACT-ACTZTTCR Datasheet
216Kb / 2P
SMD Resonators
30/06/06
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
SMD Resonators
10/10/05
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
SMD Resonators
10/10/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com