Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTTCV Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ZTTCV
Description  SMD Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ZTTCV Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ZTTCV Datasheet HTML 1Page - Advanced Crystal Technology ZTTCV Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mode Thickness expander
#For frequencies from 7.68 to 8.0MHz ACT CC MG series is recommended as the characteristics are better.
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
C1 & C2
±0.4%
(-20 ~ +80°C)
ZTTCV MT
Customer to specify : Frequency, Package Type and Size
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
Capacitors (pF)
Internal
The ACT ZTTCV families comprise of a range of surface mount, ceramic resonators
("chip" type) in both two and three pad format. Three pad versions have built in
capacitors. This family offers a cost effective solution for applications requiring good
stability over a wide temperature range, together with accuracy.
Aging over
Stability over
Ten Year (%)
Number
Range (MHz)
temp. range
Frequency
Mode Thickness expander 3rd O/T
Specification may vary from above please enquire
Accuracy %
± 0.5
50.01-60
(-20 ~ +80 °C)
7.68-13#
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
For quotations or further information please contact us at:
ZTTCV SMD Resonators
Specification
Part Type/
Frequency
Test IC
22 internal
1/6TC4069UBPx2
± 0.3
ZTTCV MX
13.01-50
74HCU04 x 2
± 0.4%
± 0.3
22 Internal
± 0.5
Important note when using Ceramic resonators with micro controllers:
Some resonator parameters vary considerably with frequency and physical construction/size . These differences are
too great to be able to be practically shown in a data sheet.
However, these parameters can be critical when the resonators are used with micro controllers. Even if two different
resonators appear to have the same specification the typical values of these critical parameters can be considerably
different. When enquiring about resonators for use with micro controllers it is important to supply the make and part
number of the IC to be used and/or the list of recommended resonators, if this is given.
Issue: 7 C1r
Date: 10/10/05


Similar Part No. - ZTTCV

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTTCV AURIS-ZTTCV Datasheet
188Kb / 1P
Resonator SMD, 3 Pin
logo
List of Unclassifed Man...
ZTTCV ETC2-ZTTCV Datasheet
148Kb / 1P
CERAMIC RESONATOR
ZTTCV ETC2-ZTTCV Datasheet
21Kb / 1P
8.00MHz to 50.00MHz
logo
EUROQUARTZ limited
ZTTCV EUROQUARTZ-ZTTCV Datasheet
77Kb / 1P
CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTTCV AEL-ZTTCV Datasheet
28Kb / 1P
Ceramic Resonator
More results

Similar Description - ZTTCV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZTACRMG ETC2-ZTACRMG Datasheet
235Kb / 2P
SMD Resonators
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
SMD Resonators
27/03/2008
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
SMD Resonators
28/09/05
ACTZTACS ACT-ACTZTACS Datasheet
151Kb / 2P
SMD Resonators
28/06/06
ACTZTACV ACT-ACTZTACV Datasheet
167Kb / 2P
SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
SMD Resonators
28/09/05
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
SMD Resonators
01/108/07
ACTZTTCR ACT-ACTZTTCR Datasheet
216Kb / 2P
SMD Resonators
30/06/06
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
SMD Resonators
10/10/05
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
SMD Resonators
10/10/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com