Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTZTTCW Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTZTTCW
Description  SMD Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTZTTCW Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTZTTCW Datasheet HTML 1Page - Advanced Crystal Technology ACTZTTCW Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
Part Type/
Frequency
Test IC
Vdd
Frequency
Stability over
Aging over
Internal
Number
Range MHz
accuracy
temp. range
10 years
Cap. (pF)
@25°C (%)
(-20 +80°C)(%)
(%)
C1 & C2
ZTTCW MG
20.01 ~ 60.0
+5V
±0.5
±0.3
±0.3
30
Vibration Mode Thickness shear
For frequecies between 50 and 60MHz specification may vary from above please enquire
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
CD4069UBE x 2
ACT ZTTCW SMD Resonators
The ACT ZTTCW family of Ceramic SMD Resonators offers a cost
effective solution for applications requiring good stability over a wide
temperature range, together with accuracy.
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Package Type and Size
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Issue : 7 C1r
Date : 10/10/05
Important note when using Ceramic resonators with micro controllers:
Some resonator parameters vary considerably with frequency and physical construction/size . These differences
are too great to be able to be practically shown in a data sheet.
However, these parameters can be critical when the resonators are used with micro controllers. Even if two
different resonators appear to have the same specification the typical values of these critical parameters can be
considerably different. When enquiring about resonators for use with micro controllers it is important to supply the
make and part number of the IC to be used and/or the list of recommended resonators, if this is given.


Similar Part No. - ACTZTTCW

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
SMD Resonators
01/108/07
ACTZTTCR ACT-ACTZTTCR Datasheet
216Kb / 2P
SMD Resonators
30/06/06
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
SMD Resonators
10/10/05
More results

Similar Description - ACTZTTCW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZTACRMG ETC2-ZTACRMG Datasheet
235Kb / 2P
SMD Resonators
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
SMD Resonators
27/03/2008
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
SMD Resonators
28/09/05
ACTZTACS ACT-ACTZTACS Datasheet
151Kb / 2P
SMD Resonators
28/06/06
ACTZTACV ACT-ACTZTACV Datasheet
167Kb / 2P
SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
SMD Resonators
28/09/05
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
SMD Resonators
01/108/07
ACTZTTCR ACT-ACTZTTCR Datasheet
216Kb / 2P
SMD Resonators
30/06/06
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
SMD Resonators
10/10/05
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
SMD Resonators
10/10/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com