Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-AUD01F2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # EMIF06-AUD01F2
Description  6-line EMI filter and ESD protection for audio interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-AUD01F2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button EMIF06-AUD01F2 Datasheet HTML 6Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 7Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 8Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 9Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 10Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 11Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 12Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 13Page - STMicroelectronics EMIF06-AUD01F2 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
EMIF06-AUD01F2
Ordering information scheme
11/14
3
Ordering information scheme
Figure 29.
Ordering information scheme
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Figure 30.
Flip chip dimensions
EMIF
yy
-
xxx zz
Fx
EMI Filter
Number of lines
Information
Package
3 letters = application
2 digits = version
F = Flip-Chip
x
= 2: Lead free, pitch = 500 µm, bump = 315 µm
2.42 mm ± 50 µm
315 µm ± 50
500 µm ± 50
650 µm ± 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com