Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86_0707 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T86_0707
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86_0707 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T86_0707 Datasheet HTML 17Page - STMicroelectronics M48T86_0707 Datasheet HTML 18Page - STMicroelectronics M48T86_0707 Datasheet HTML 19Page - STMicroelectronics M48T86_0707 Datasheet HTML 20Page - STMicroelectronics M48T86_0707 Datasheet HTML 21Page - STMicroelectronics M48T86_0707 Datasheet HTML 22Page - STMicroelectronics M48T86_0707 Datasheet HTML 23Page - STMicroelectronics M48T86_0707 Datasheet HTML 24Page - STMicroelectronics M48T86_0707 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
M48T86
Clock operations
21/36
24/12
The 24/12 Control Bit establishes the format of the hours byte. A '1' indicates the 24-hour
mode and a '0' indicates the 12-hour mode. This bit is READ/WRITE and is not affected by
internal functions or RST.
DSE: daylight savings enable
The Daylight Savings Enable (DSE) Bit is a READ/WRITE bit which enables two special
updates when set to a '1.' On the first Sunday in April, the time increments from 1:59:59AM
to 3:00:00 AM. On the last Sunday in October, when the time reaches 1:59:59 AM, it
changes to 1:00:00 AM. These special updates do not occur when the DSE Bit is a '0.' This
bit is not affected by internal functions or RST.
Table 6.
Register B MSB
Figure 10.
Update-ended/periodic interrupt relationship
Register C
IRQF: interrupt request flag
The Interrupt Request Flag (IRQF) Bit is set to a '1' when one or more of the following are
true:
PF = PIE = 1
AF = AIE = 1
UF = UIE = 1
(e.g., IRQF = PF*PIE+AF*AIE+UF*UIE)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
SET
PIE
AIE
UIE
SQWE
DM
24/12
DSE
AI01652B
UIP
UPDATE PERIOD (1sec)
PF
UF
tPI
tPI
tPI
tBUC
tUC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com