Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OLF249 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OLF249
Description  Radiation Tolerant Phototransistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OLF249 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OLF249 Datasheet HTML 1Page - List of Unclassifed Manufacturers OLF249 Datasheet HTML 2Page - List of Unclassifed Manufacturers OLF249 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTIC ( T
A = 25 °C, Unless Otherwise Specified )
Parameter
Symbol
Min
Max
Units
Test Conditions
Fig. Note
ALL TYPICAL @ T
A = 25°C
Absolute Maximum Ratings
± 1000 Vdc
-65
°C to + 150 °C
-55
°C to + 125 °C
240
°C
40 mA
1 A
2.0 V
40 V
7 V
45 V
50 mA
300 mW
Coupled
Input to Output Isolation Voltage1
Storage Temperature Range
Operation Temperature Range
Mounting Temperature Range ( 10 seconds max. )
Input Diode
Average Input Current2
Peak Forward Current3
Reverse Voltage
Output Detector
Collector - Emitter Voltage
Emitter - Base Voltage
Collector - Base Voltage
Continuous Collector Current
Power Dissipation4
On-State Collector Current
On-State Coll.-Base Current
Saturation Voltage
Breakdown Voltage
Collector to Emitter
Collector to Base
Emitter to Base
Off-State Leakage Current
Collector to Emitter
Collector to Base
Input Forward Voltage
Input Reverse Current
Input to Output Resistance
Input to Output Capacitance
Rise Time
Fall Time
IC (ON)
ICB(ON)
VCE(SAT)
BVCEO
BVCBO
BVEBO
ICE(OFF)
ICB(OFF)
VF
IR
r I - O
c I - O
t r
t f
I F = 1 mA, VCE = 5.0V
I F = 2 mA, VCE = 5.0V, TA = -55
°C
I F = 2 mA, VCE = 5.0V, TA = 100
°C
I F = 10 mA, VCB = 5.0V
I F = 2mA, IC =2.0mA
I CE = 1 mA
I CB = 100
µA
I EB = 100
µA
VCE = 20V
VCE = 20V, TA =100
°C
VCB = 20V
I F = 10mA, TA = -55
°C
I F = 10mA
I F = 10mA, TA = 100
°C
V R = 2.0V
V I-O =
±1000Vdc
V I-O = 0V, f = 1 MHz
VCC = 10V, RL = 100
Ω
I F = 5mA
1
1
12
0.3
100
100
10
2.2
1.8
1.6
100
5
25
25
mA
mA
mA
µA
V
V
V
V
nA
µA
nA
V
V
V
µA
Ω
pF
µS
µS
2,3
1
1
1
4
2.0
2.8
2.0
30
40
45
7
1.8
1.4
1.2
10 11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com